Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD36TS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSD36TS
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD36TS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSD36TS Datasheet HTML 1Page - Pan Jit International Inc. PJSD36TS Datasheet HTML 2Page - Pan Jit International Inc. PJSD36TS Datasheet HTML 3Page - Pan Jit International Inc. PJSD36TS Datasheet HTML 4Page - Pan Jit International Inc. PJSD36TS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
July 20.2010-REV.00
PJSD03TS~PJSD36TS
VOLTAGE
POWER
3~36 Volts
120 Watts
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
• 120 Watts peak pules power( tp=8/20
μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’S in ESD protection applications
• Low clamping voltage and leakage current
• In compliance with EU RoHS 2002/95/EC directives
MAXIMUM RATINGSAND ELECTRICALCHATACTERISTICS
• Case: SOD-523 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx Weight: 0.0014 grams
• Marking : PJSD03TS : KD
PJSD05TS : KE
PJSD07TS : KF
PJSD08TS : KR
PJSD12TS : LE
PJSD15TS : LM
PJSD24TS : LZ
PJSD36TS : MP
APPLICATIONS
FEATURES
ABSOLUTE MAXIMUM RATING
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation (tp=8/20
μs)
P
PP
120
W
ESD Voltage
V
ESD
25
KV
Operating Temperature
T
J
-50 to +150
OC
Storage Temperature
T
STG
-50 to +150
OC
PJSD03TS
Parameter
Symbol
Conditions
Min.
Typical
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
3.3
V
Reverse Breakdown Voltage
V
BR
I
BR=1mA
4
-
-
V
Reverse Leakage Current
I
R
V
R=3.3V
-
-
200
μA
Clamping Voltage(8/20
μs)
V
C
I
PP=5A
-
-
6.5
V
Off State Junction Capacitance
C
J
0Vdc Bias=f=1MHz
-
-
200
pF
Off State Junction Capacitance
C
J
3.3Vdc Bias=f=1MHz
-
-
100
pF
1
2
Cathode
Anode
ELECTRICALCHATACTERISTICS


Similar Part No. - PJSD36TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD36TS PANJIT-PJSD36TS Datasheet
53Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD36TS-AU PANJIT-PJSD36TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
More results

Similar Description - PJSD36TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com