Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT955 Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. FZT955
Description  SOT223 PNP SILICON PLANAR HIGH CURRENT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 1 page
background image
SOT223 PNP SILICON PLANAR HIGH CURRENT
(HIGH PERFORMANCE) TRANSISTORS
ISSUE 3 – MARCH 2005
FEATURES
*
4 Amps continuous current (10 Amps peak current)
*
Very low saturation voltages
*
Excellent gain characteristics specified up to 3 Amps
PARTMARKING DETAILS –
DEVICE TYPE IN FULL
COMPLEMENTARY TYPES – FZT955 - FZT855
FZT956 - N/A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FZT955
FZT956
UNIT
Collector-Base Voltage
VCBO
-180
-220
V
Collector-Emitter Voltage
VCEO
-140
-200
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-10
-5
A
Continuous Collector Current
IC
-4
-2
A
Power Dissipation at Tamb=25°C
Ptot
3W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 4 square inch minimum
FZT955
FZT956
3 - 284
C
C
E
B




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl