Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT1149A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT1149A
Description  PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT1149A Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT1149A Datasheet HTML 1Page - Diodes Incorporated FZT1149A Datasheet HTML 2Page - Diodes Incorporated FZT1149A Datasheet HTML 3Page - Diodes Incorporated FZT1149A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FZT1149A
1m
100
1m
100
1m
100
100m
100
100
1m
1m
100
IC - Collector Current (A)
VCE(sat) v IC
0
1.0
IC/IB=10
IC/IB=50
IC/IB=100
+25°C
-55°C
750
+100°C
0
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
1.2
-55°C
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
1.0
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
1.6
0.8
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
10
DC
10m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100us
VCE=2V
+25°C
-55°C
IC/IB=100
VCE=2V
-55°C
IC/IB=100
10m
100m
1
10
0.2
0.4
0.6
0.8
IC/IB=200
10m
100m
1
10
0.2
0.4
0.6
0.8
10m
100m
1
10
250
500
10m
100m
1
10
0.4
0.8
10m
100m
1
10
0.4
1.2
110
100m
1
TYPICAL CHARACTERISTICS


Similar Part No. - FZT1149A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT1149A DIODES-FZT1149A Datasheet
100Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1149ATA DIODES-FZT1149ATA Datasheet
100Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT1149A KEXIN-FZT1149A_15 Datasheet
1Mb / 3P
   PNP Transistors
logo
Diodes Incorporated
FZT1149A DIODES-FZT1149A_15 Datasheet
105Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results

Similar Description - FZT1149A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com