Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBBC-5V Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-BF533SBBC-5V
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBC-5V Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-BF533SBBC-5V Datasheet HTML 10Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 11Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 12Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 13Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 14Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 15Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 16Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 17Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Rev. H
|
Page 14 of 64
|
January 2011
ADSP-BF531/ADSP-BF532/ADSP-BF533
As shown in Figure 9, the core clock (CCLK) and system
peripheral clock (SCLK) are derived from the input clock
(CLKIN) signal. An on-chip PLL is capable of multiplying the
CLKIN signal by a user programmable 0.5 to 64 multiplica-
tion factor (bounded by specified minimum and maximum
VCO frequencies). The default multiplier is 10, but it can be
modified by a software instruction sequence. On-the-fly
frequency changes can be effected by simply writing to the
PLL_DIV register.
All on-chip peripherals are clocked by the system clock (SCLK).
The system clock frequency is programmable by means of the
SSEL3–0 bits of the PLL_DIV register. The values programmed
into the SSEL fields define a divide ratio between the PLL output
(VCO) and the system clock. SCLK divider values are 1 through
15. Table 6 illustrates typical system clock ratios.
The maximum frequency of the system clock is fSCLK. The divi-
sor ratio must be chosen to limit the system clock frequency to
its maximum of fSCLK. The SSEL value can be changed dynami-
cally without any PLL lock latencies by writing the appropriate
values to the PLL divisor register (PLL_DIV). When the SSEL
value is changed, it affects all of the peripherals that derive their
clock signals from the SCLK signal.
The core clock (CCLK) frequency can also be dynamically
changed by means of the CSEL1–0 bits of the PLL_DIV register.
Supported CCLK divider ratios are 1, 2, 4, and 8, as shown in
Table 7. This programmable core clock capability is useful for
fast core frequency modifications.
BOOTING MODES
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors have
two mechanisms (listed in Table 8) for automatically loading
internal L1 instruction memory after a reset. A third mode is
provided to execute from external memory, bypassing the boot
sequence.
The BMODE pins of the reset configuration register, sampled
during power-on resets and software-initiated resets, imple-
ment the following modes:
• Execute from 16-bit external memory – Execution starts
from address 0x2000 0000 with 16-bit packing. The boot
ROM is bypassed in this mode. All configuration settings
are set for the slowest device possible (3-cycle hold time;
15-cycle R/W access times; 4-cycle setup).
• Boot from 8-bit or 16-bit external flash memory – The flash
boot routine located in boot ROM memory space is set up
using asynchronous Memory Bank 0. All configuration set-
tings are set for the slowest device possible (3-cycle hold
time; 15-cycle R/W access times; 4-cycle setup).
• Boot from SPI serial EEPROM/flash (8-, 16-, or 24-bit
addressable, or Atmel AT45DB041, AT45DB081, or
AT45DB161) – The SPI uses the PF2 output pin to select a
single SPI EEPROM/flash device, submits a read command
and successive address bytes (0x00) until a valid 8-, 16-, or
24-bit addressable EEPROM/flash device is detected, and
begins clocking data into the processor at the beginning of
L1 instruction memory.
• Boot from SPI serial master – The Blackfin processor oper-
ates in SPI slave mode and is configured to receive the bytes
of the LDR file from an SPI host (master) agent. To hold off
the host device from transmitting while the boot ROM is
busy, the Blackfin processor asserts a GPIO pin, called host
wait (HWAIT), to signal the host device not to send any
Figure 9. Frequency Modification Methods
Table 6. Example System Clock Ratios
Signal Name
SSEL3–0
Divider Ratio
VCO/SCLK
Example Frequency Ratios
(MHz)
VCO
SCLK
0001
1:1
100
100
0101
5:1
400
80
1010
10:1
500
50
PLL
0.5
u to 64u
÷1 to 15
÷1,2, 4, 8
VCO
CLKIN
“FINE” ADJUSTMENT
REQUIRES PLL SEQUENCING
“COARSE” ADJUSTMENT
ON-THE-FLY
CCLK
SCLK
SCLK
d CCLK
SCLK
d 133 MHz
Table 7. Core Clock Ratios
Signal Name
CSEL1–0
Divider Ratio
VCO/CCLK
Example Frequency Ratios
(MHz)
VCO
CCLK
00
1:1
300
300
01
2:1
300
150
10
4:1
400
100
11
8:1
200
25
Table 8. Booting Modes
BMODE1–0 Description
00
Execute from 16-bit external memory (bypass
boot ROM)
01
Boot from 8-bit or 16-bit FLASH
10
Boot from serial master connected to SPI
11
Boot from serial slave EEPROM/flash (8-,16-, or 24-
bit address range, or Atmel AT45DB041,
AT45DB081, or AT45DB161serial flash)


Similar Part No. - ADSP-BF533SBBC-5V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-5V AD-ADSP-BF533SBBC-5V Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBBC-5V AD-ADSP-BF533SBBC-5V Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SBBC-5V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com