Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF561SKBCZ-6V Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-BF561SKBCZ-6V
Description  Blackfin Embedded Symmetric Multiprocessor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF561SKBCZ-6V Datasheet(HTML) 5 Page - Analog Devices

  ADSP-BF561SKBCZ-6V Datasheet HTML 1Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 2Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 3Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 4Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 5Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 6Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 7Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 8Page - Analog Devices ADSP-BF561SKBCZ-6V Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
ADSP-BF561
0xFFFF FFFF
0xFFE0 0000
0xFFC0 0000
0xFFB0 1000
0xFFB0 0000
0xFFA1 4000
0xFFA1 0000
0xFFA0 4000
0xFFA0 0000
0xFF90 8000
0xFF90 4000
0xFF90 0000
0xFF80 8000
0xFF80 4000
0xFF80 0000
0xFEB2 0000
0xFEB0 0000
0xEF00 4000
0xEF00 0000
0x3000 0000
0x2C00 0000
0x2800 0000
0x2400 0000
0x2000 0000
Top of last SDRAM page
0x0000 0000
CORE A MEMORY MAP
CORE B MEMORY MAP
CORE MMR REGISTERS
CORE MMR REGISTERS
SYSTEM MMR REGISTERS
RESERVED
L1 SCRATCHPAD SRAM (4K)
RESERVED
L1 INSTRUCTION SRAM/CACHE (16K)
RESERVED
L1 INSTRUCTION SRAM (16K)
RESERVED
L1 DATA BANK B SRAM/CACHE (16K)
L1 DATA BANK B SRAM (16K)
RESERVED
L1 DATA BANK A SRAM/CACHE (16K)
L1 DATA BANK A SRAM (16K)
RESERVED
RESERVED
RESERVED
L1 SCRATCHPAD SRAM (4K)
RESERVED
L1 INSTRUCTION SRAM/CACHE (16K)
RESERVED
L1 INSTRUCTION SRAM (16K)
RESERVED
L1 DATA BANK B SRAM/CACHE (16K)
L1 DATA BANK B SRAM (16K)
RESERVED
L1 DATA BANK A SRAM/CACHE (16K)
L1 DATA BANK A SRAM (16K)
RESERVED
L2 SRAM (128K)
RESERVED
BOOT ROM
RESERVED
ASYNC MEMORY BANK 3
ASYNC MEMORY BANK 2
ASYNC MEMORY BANK 1
ASYNC MEMORY BANK 0
RESERVED
SDRAM BANK 3
SDRAM BANK 2
SDRAM BANK 1
SDRAM BANK 0
Figure 3. Memory Map
0xFF80 0000
0xFF70 1000
INTERNAL MEMORY
0xFF70 0000
0xFF61 4000
0xFF61 0000
0xFF60 4000
0xFF60 0000
0xFF50 8000
0xFF50 4000
0xFF50 0000
0xFF40 8000
0xFF40 4000
0xFF40 0000
EXTERNAL MEMORY
The fourth on-chip memory system is the L2 SRAM memory
array which provides 128K bytes of high speed SRAM operating
at one half the frequency of the core, and slightly longer latency
than the L1 memory banks. The L2 memory is a unified instruc­
tion and data memory and can hold any mixture of code and
data required by the system design. The Blackfin cores share a
dedicated low latency 64-bit wide data path port into the L2
SRAM memory.
Each Blackfin core processor has its own set of core Memory
Mapped Registers (MMRs) but share the same system MMR
registers and 128K bytes L2 SRAM memory.
External (Off-Chip) Memory
The ADSP-BF561 external memory is accessed via the External
Bus Interface Unit (EBIU). This interface provides a glueless
connection to up to four banks of synchronous DRAM
(SDRAM) as well as up to four banks of asynchronous memory
devices, including flash, EPROM, ROM, SRAM, and memory
mapped I/O devices.
The PC133-compliant SDRAM controller can be programmed
to interface to up to four banks of SDRAM, with each bank con­
taining between 16M bytes and 128M bytes providing access to
up to 512M bytes of SDRAM. Each bank is independently pro­
grammable and is contiguous with adjacent banks regardless of
the sizes of the different banks or their placement. This allows
Rev. E
|
Page 5 of 64
|
September 2009


Similar Part No. - ADSP-BF561SKBCZ-6V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SKBCZ-6A2 AD-ADSP-BF561SKBCZ-6A2 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
More results

Similar Description - ADSP-BF561SKBCZ-6V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com