Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJP24N10 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJP24N10
Description  100V N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP24N10 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJP24N10 Datasheet HTML 1Page - Pan Jit International Inc. PJP24N10 Datasheet HTML 2Page - Pan Jit International Inc. PJP24N10 Datasheet HTML 3Page - Pan Jit International Inc. PJP24N10 Datasheet HTML 4Page - Pan Jit International Inc. PJP24N10 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
June 03, 2010-REV.0
1
PJP24N10 / PJF24N10
ELECTRICAL CHARACTERISTICS ( T
A=25
OC unless otherwise noted )
NOTE: Plus Test : Pluse Width < 300us, Duty Cycle < 2%.
VDD
VOUT
VIN
RG
RL
Switching
TestCircuit
GateCharge
TestCircuit
VDD
VGS
RG
RL
1mA
P a ra m e te r
S ymb o l
Te s t C o nd i ti o n
M i n.
Typ .
Ma x.
Uni ts
S ta ti c
D r a i n- S o urc e B re a k d o wn Vo lta g e
B V
D S S
V
GS = 0 V , I D = 2 5 0 u A
1 0 0
-
-
V
Ga te Thre s ho ld Vo lta g e
V
GS (th)
V
D S = V GS , I D = 2 5 0 u A
2 .0
-
4 .0
V
D ra i n-S o urc e On-S ta te
Re s i s ta nc e
R
D S ( o n)
V
GS= 10V, I D= 30A
-
18.6
24
mΩ
Ze ro Ga te Vo lta g e D ra i n
C urre nt
I
D S S
V
DS=80V, VGS=0V
-
-
1
uA
Gate Body Leakage
I
GS S
V
GS = + 2 0 V , V D S = 0 V
-
-
+1 0 0
Dynamic
To ta l Ga te C ha rg e
Q
g
V
D S = 5 0 V , ID = 3 0 A ,
V
GS = 1 0 V
-
6 0 .6
7 8
nC
Ga te -S o urc e C ha rg e
Q
g s
-
8 .2
-
Ga te -D ra i n C ha rg e
Q
g d
-
21.4
-
Turn-On D e la y Ti me
t
d (o n)
V
DD=50V
,
I
D =1A
V
GS = 1 0 V , RG=1.6
-
18.4
26
ns
Turn-On Ri s e Ti m e
t
r
-
9.2
12
Turn-Off D e la y Ti me
t
d (o ff)
-
5 6
6 8
Turn-Off F a ll Ti m e
t
f
-
1 8 .8
2 6
Inp ut C a p a c i ta nc e
C
i s s
V
D S = 5 0 V , V GS = 0 V
f=1 .0 MH
Z
-
1 4 5 0
3 2 0 0
p F
Outp ut C a p a c i ta nc e
C
o s s
-
155
200
Re ve rs e Tra ns fe r
C a p a c i ta nc e
C
rs s
-
110
165
S o urc e - D ra i n D i o d e
Ma x. D i o d e F o rwa rd C urr e nt
I
S
-
-
-
4 2
A
D i o d e F o rwa rd Vo lta g e
V
S D
I
S = 3 0 A , V GS = 0 V
-
-
1 .3
V


Similar Part No. - PJP24N10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJP2NA1K PANJIT-PJP2NA1K Datasheet
540Kb / 8P
   900V N-Channel MOSFET
PJP2NA60 PANJIT-PJP2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJP2NA60 PANJIT-PJP2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJP2NA60_T0_00001 PANJIT-PJP2NA60_T0_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - PJP24N10

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com