Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJP10N65 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJP10N65
Description  650V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP10N65 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJP10N65 Datasheet HTML 1Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 2Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 3Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 4Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 5Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE . 5
STAD-DEC.25.2009
PJP10N65 / PJF10N65
Copyright PanJit International, Inc
2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
LEGALSTATEMENT


Similar Part No. - PJP10N65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
More results

Similar Description - PJP10N65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
   650V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
   650V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
   650V / 10A N-Channel Enhancement Mode MOSFET
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
   650V / 8A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
   650V/ 12A N-Channel Enhancement Mode MOSFET
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65D HY-HY4N65D Datasheet
155Kb / 4P
   650V / 4A N-Channel Enhancement Mode MOSFET
HY2N65D HY-HY2N65D Datasheet
155Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65T HY-HY4N65T Datasheet
151Kb / 4P
   650V / 4A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com