Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8222BCPZ-WP Datasheet(PDF) 10 Page - Analog Devices

Part # AD8222BCPZ-WP
Description  Precision, Dual-Channel Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222BCPZ-WP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8222BCPZ-WP Datasheet HTML 6Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 7Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 8Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 9Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 10Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 11Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 12Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 13Page - Analog Devices AD8222BCPZ-WP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8222
Rev. A | Page 10 of 24
70
–40
–30
–20
–10
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 15. Gain vs. Frequency
160
150
140
130
120
110
100
90
80
70
60
50
40
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
BANDWIDTH
LIMITED
Figure 16. CMRR vs. Frequency, RTI
160
150
140
130
120
110
100
90
80
70
60
50
40
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
BANDWIDTH
LIMITED
Figure 17. CMRR vs. Frequency, RTI, 1 kΩ Source Imbalance
20
15
10
5
0
–5
–10
–15
–20
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
EXAMPLE PART 1
EXAMPLE PART 2
Figure 18. ΔCMR vs. Temperature, G = 1
–VS+0
+0.4
+0.8
+1.2
+1.6
+2.0
FROM +VS
2
6
10
14
18
SUPPLY VOLTAGE (V)
–2.0
–1.6
–1.2
–0.8
–0.4
+VS–0
FROM –VS
Figure 19. Input Voltage Limit vs. Supply Voltage, G = 1
RL = 2kΩ
RL = 10kΩ
–1.6
–1.2
–0.4
+VS–0
–0.8
RL = 10kΩ
RL = 2kΩ
+0.4
–VS+0
+0.8
+1.2
+1.6
2
6
10
14
18
SUPPLY VOLTAGE (V)
Figure 20. Output Voltage Swing vs. Supply Voltage, G = 1


Similar Part No. - AD8222BCPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8222BCPZ-WP AD-AD8222BCPZ-WP Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD8222BCPZ-WP AD-AD8222BCPZ-WP Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
More results

Similar Description - AD8222BCPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8222 AD-AD8222 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD8222 AD-AD8222_16 Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
AD8222 AD-AD8222_15 Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com