Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJU1N80 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJU1N80
Description  800V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU1N80 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJU1N80 Datasheet HTML 1Page - Pan Jit International Inc. PJU1N80 Datasheet HTML 2Page - Pan Jit International Inc. PJU1N80 Datasheet HTML 3Page - Pan Jit International Inc. PJU1N80 Datasheet HTML 4Page - Pan Jit International Inc. PJU1N80 Datasheet HTML 5Page - Pan Jit International Inc. PJU1N80 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
STAD-NOV.24.2009
PJP1N80 / PJU1N80
FEATURES
• 1A, 800V, R
DS(ON)=16
@V
GS=10V, ID=0.5A
• Low ON Resistance
• Fast Switching
• Low Gate Charge
• Fully Characterized Avalanche Voltage and Current
• Specially Desigened for AC Adapter, Battery Charge and SMPS
• In compliance with EU RoHs 2002/95/EC Directives
MECHANICAL DATA
• Case: TO-220AB / TO-251 Molded Plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
ORDERINGINFORMATION
800V N-Channel Enhancement Mode MOSFET
Maximum RATINGS and Thermal Characteristics (T
A=25
OC unless otherwise noted )
Note: 1. Maximum DC current limited by the package
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Gate
Drain
Source
TO-220AB/TO-251
TO-220AB
INTERNAL SCHEMATIC DIAGRAM
TO- 2 5 1
2
3
3
2
1
1
2
3
G
D
S
1
2
3
G
D
S
TYPE
MARKING
PACKAGE
PACKING
PJP1N80
P1N80
TO-220AB
50PCS/TUBE
PJU1N80
U1N80
TO-251
80PCS/TUBE
PA RA ME TE R
S ymb o l
P J P 1 N8 0
P J U1 N8 0
Uni ts
D r a i n- S o ur c e Vo lta g e
V
D S
8 0 0
V
Ga te - S o ur c e Vo lta g e
V
GS
+3 0
V
C o nti nuo us D ra i n C ur re nt
I
D
1
1
A
P uls e d D r a i n C urr e nt 1)
I
D M
4
4
A
Ma xi mum P o we r D i s s i p a ti o n
D e ra ti ng fa c to r
T
A = 2 5
OC
P
D
4 5
0 .3 6
3 1
0 .2 5
W
Op e ra ti ng J unc t i o n a nd S to ra g e Te mp e r a ture Ra ng e
T
J , T S TG
-5 5 to +1 5 0
OC
Avalanche Energy with Single Pulse
I
AS=1.4A, VDD=50V, L=10mH
E
A S
9 .8
mJ
Junction-to-Case Thermal Resistance
R
θ
J C
2 .7 8
4
OC /W
Junction-to Ambient Thermal Resistance
R
θ
J A
6 2 .5
1 0 0
OC /W


Similar Part No. - PJU1N80

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1NA50 PANJIT-PJU1NA50 Datasheet
535Kb / 8P
   500V N-Channel MOSFET
PJU1NA60A PANJIT-PJU1NA60A Datasheet
421Kb / 8P
   600V N-Channel MOSFET
PJU1NA80 PANJIT-PJU1NA80 Datasheet
373Kb / 8P
   800V N-Channel MOSFET
More results

Similar Description - PJU1N80

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY7N80T HY-HY7N80T Datasheet
232Kb / 4P
   800V / 7A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
F7N80 WXDH-F7N80 Datasheet
900Kb / 11P
   7A 800V N-channel Enhancement Mode Power MOSFET
I8N80 WXDH-I8N80 Datasheet
779Kb / 10P
   8A 800V N-channel Enhancement Mode Power MOSFET
F8N80 WXDH-F8N80 Datasheet
779Kb / 10P
   8A 800V N-channel Enhancement Mode Power MOSFET
8N80 WXDH-8N80 Datasheet
780Kb / 10P
   8A 800V N-channel Enhancement Mode Power MOSFET
E7N80 WXDH-E7N80 Datasheet
900Kb / 11P
   7A 800V N-channel Enhancement Mode Power MOSFET
I7N80 WXDH-I7N80 Datasheet
899Kb / 11P
   7A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
901Kb / 11P
   7A 800V N-channel Enhancement Mode Power MOSFET
E8N80 WXDH-E8N80 Datasheet
779Kb / 10P
   8A 800V N-channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com