Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJMBZ6V8 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJMBZ6V8
Description  DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ6V8 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJMBZ6V8 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ6V8 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ6V8 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ6V8 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
August 16.2010-REV.00
PJMBZ5V6 / PJMBZ6V2 / PJMBZ6V8
.120(3.04)
.079(2.00)
.070(1.80)
.004(0.10) MAX.
.008(0.20)
.003(0.08)
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
VOLTAGE
5.6 to 6.8 Volts
150 Watts
FEATURES
• Working Peak Reverse Voltage Range - 5.6 to 6.8V
• Maximum Leakage Current of 5uA
• IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge
• In compliance with EU RoHS 2002/95/EC directives
APPLICATIONS
• Data Transmission Line Ports
• Computer Monitor Interface Port Protection
• Portable Consumer Electronics
• Instrumentation Equipment
MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0003 ounce, 0.0084 gram
POWER
MAXIMUM RATINGS
PA RA M E TE R
S ym b o l
Va lue
Uni ts
P eak P uls e P o we r
8x20 us ec Wa ve fo r m
P eak P uls e P o we r
10 x1000 us ec Wa ve fo r m
P PP
150
25
W
E S D Vo lt age ( HB M )
V ESD
>2 5
k V
Lead S o ld e r i ng Te m per at ur e ( m ax 10 s e c s )
TL
260
O C
O per at i ng and S t or age Te m per atur e Ra ng e
TJ,TSTG
- 55 to + 150
O C


Similar Part No. - PJMBZ6V8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU_A0_00001 PANJIT-PJMBZ15V-AU_A0_00001 Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU_A0_10001 PANJIT-PJMBZ15V-AU_A0_10001 Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU_A1_00001 PANJIT-PJMBZ15V-AU_A1_00001 Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ6V8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
   BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com