Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJU2N70 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJU2N70
Description  700V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU2N70 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJU2N70 Datasheet HTML 1Page - Pan Jit International Inc. PJU2N70 Datasheet HTML 2Page - Pan Jit International Inc. PJU2N70 Datasheet HTML 3Page - Pan Jit International Inc. PJU2N70 Datasheet HTML 4Page - Pan Jit International Inc. PJU2N70 Datasheet HTML 5Page - Pan Jit International Inc. PJU2N70 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Characteristics Curves ( Ta=25
℃, unless otherwise noted)
Fig.1 Output Characteristric
Fig.2 Transfer Characteristric
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
V
GS= 20V~ 6.0V
5.0V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0
1
2
3
4
5
I
D - Drain Current (A)
V
GS = 20V
VGS=10V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
I
D =1A
T
J =25
oC
0.1
1
10
2
3
4
5
6
7
8
V
GS - Gate-to-Source Voltage (V)
V
DS=40V
T
J = 125
oC
25oC
-55oC
PJF2N70 / PJU2N70
Typical Characteristics Curves ( Ta=25
℃, unless otherwise noted)
Fig.3 On Resistance vs Drain Current
Fig.4 On Resistance vs Gate to Source Voltage
STAD-NOV.24.2009
Fig.5 On Resistance vs Junction Temperature
Fig.6 Capacitance
PAGE. 3
Fig.1 Output Characteristric
Fig.2 Transfer Characteristric
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
V
GS= 20V~ 6.0V
5.0V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0
1
2
3
4
5
I
D - Drain Current (A)
V
GS = 20V
VGS=10V
0
100
200
300
400
500
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
f = 1MHz
V
GS = 0V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
I
D =1A
T
J =25
oC
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-25
0
25
50
75
100 125 150
T
J - Junction Temperature (
oC)
V
GS =10 V
I
D =1.0A
0.1
1
10
2
3
4
5
6
7
8
V
GS - Gate-to-Source Voltage (V)
V
DS=40V
T
J = 125
oC
25oC
-55oC


Similar Part No. - PJU2N70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU2NA1K PANJIT-PJU2NA1K Datasheet
540Kb / 8P
   900V N-Channel MOSFET
PJU2NA60 PANJIT-PJU2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJU2NA60 PANJIT-PJU2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA60_T0_00001 PANJIT-PJU2NA60_T0_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA70 PANJIT-PJU2NA70 Datasheet
459Kb / 8P
   700V N-Channel MOSFET
More results

Similar Description - PJU2N70

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ70H600HCTI DIODES-DMJ70H600HCTI Datasheet
791Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ7N70SK3 DIODES-DMJ7N70SK3_15 Datasheet
288Kb / 6P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ7N70SK3 DIODES-DMJ7N70SK3_17 Datasheet
417Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ70H601SK3 DIODES-DMJ70H601SK3 Datasheet
339Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ70H600HCT DIODES-DMJ70H600HCT Datasheet
756Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HK3 DIODES-DMJ70H600HK3 Datasheet
612Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 3 November 2022
logo
HY ELECTRONIC CORP.
HY8N70T HY-HY8N70T Datasheet
150Kb / 4P
   700V / 8A N-Channel Enhancement Mode MOSFET
HY2N70T HY-HY2N70T Datasheet
152Kb / 4P
   700V / 2A N-Channel Enhancement Mode MOSFET
HY4N70D HY-HY4N70D Datasheet
153Kb / 4P
   700V / 4A N-Channel Enhancement Mode MOSFET
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
   700V / 2A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com