Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJDLC05C-05 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJDLC05C-05
Description  ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05C-05 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJDLC05C-05 Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05C-05 Datasheet HTML 2Page - Pan Jit International Inc. PJDLC05C-05 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
February 16,2011-REV.03
PJDLC05C-05
Fig 2- Pulse Waveform
Power Derating Curve
5
010
15
20
25
30
110
100
90
80
70
60
50
40
30
20
10
0
time
sec
, m
Rise time
s
10-90% - 8m
50%
@20
of Ipp
s
m
6
0.1
8
1
10
10
12
100
14
1000
24
18
20
22
16
Clamping Voltage Volts
,
Pulse Duration,msec
18
16
14
12
10
8
6
10
4
1
2
0.1
0
0.01
Fig 1- Clamping Voltage vs Ipp x
sec
820
Fig 1- Clamping Voltage vs Ipp x
sec
820
Fig 3- Non Repetitive Peak Pulse Power vs Pulse Time
-
FIG.4- TYPICAL JUNCTION CAPACITANCE UNDER BIAS
FIG.4- TYPICAL JUNCTION CAPACITANCE UNDER BIAS
Reverse Bias Voltage, V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0246


Similar Part No. - PJDLC05C-05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
More results

Similar Description - PJDLC05C-05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05W PANJIT-PJDLC05W Datasheet
113Kb / 2P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC03 PANJIT-PJDLC03 Datasheet
111Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05 PANJIT-PJDLC05_15 Datasheet
129Kb / 6P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-03 PANJIT-PJDLC05C-03_13 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com