Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ4L40 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJ4L40
Description  QUAD SCHOTTKY DATA LINE BUS TERMINATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJ4L40 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJ4L40_08 Datasheet HTML 1Page - Pan Jit International Inc. PJ4L40_08 Datasheet HTML 2Page - Pan Jit International Inc. PJ4L40_08 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Units
Reverse Voltage
Operating Junction Temperature Range
Storage Temperature Range
V
TJ
TSTG
4/1/2008
Page 1
www.panjit.com
T = 25°C, unless otherwise noted
This highly integrated device is designed as rail to rail overvoltage
protection clamp for up to four high frequency data lines. It is ideal in
portable applications where small form factors are required.
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40
SOT-363
Low Forward Voltage Drop for Improved Voltage Protection
Very Fast Switching
Ultra Small SOT-363 Package Utilizing Minimal Board Space
PDAs
Portable Computers
A
R
Power Dissipation (Note 1)
PD
Non-Repetitive Surge Current, t=1s
-55 to +125
-65 to +125
I FSM
Value
Marking Code
440
THERMAL CHARACTERISTICS
Characteristic
Symbol
Units
thja
Thermal Resistance, Junction to Ambient
625
Value
R
°C/W
°C
mW
V
mA
°C
Note 1: Device mounted on FR-4 board 1.0 inch x 0.85 inch x 0.062 inch, with minimum pad layout
600
200
30
Continuous Forward Current
I F
mA
200
44
0
Lead Free Plating, 100% Matte Tin Finish, RoHS Compliant


Similar Part No. - PJ4L40_08

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ4L40T/R13 PANJIT-PJ4L40T/R13 Datasheet
132Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40T/R7 PANJIT-PJ4L40T/R7 Datasheet
132Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6_16 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6_R1_00001 PANJIT-PJ4L40W6_R1_00001 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
More results

Similar Description - PJ4L40_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6_16 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_08 Datasheet
106Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
QSBT40 DIODES-QSBT40_15 Datasheet
85Kb / 4P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_16 Datasheet
588Kb / 6P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Schneider Electric
TM7ACTLA SCHNEIDER-TM7ACTLA Datasheet
71Kb / 1P
   line terminator TM7 - M12 - bus CANopen
logo
Murata Power Solutions ...
1600 MURATA-PS-1600 Datasheet
95Kb / 2P
   Quad Data-bus Isolators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com