Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA82A Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # P4SMA82A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMA82A Datasheet(HTML) 4 Page - Pan Jit International Inc.

  P4SMA82A Datasheet HTML 1Page - Pan Jit International Inc. P4SMA82A Datasheet HTML 2Page - Pan Jit International Inc. P4SMA82A Datasheet HTML 3Page - Pan Jit International Inc. P4SMA82A Datasheet HTML 4Page - Pan Jit International Inc. P4SMA82A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
STAD-SEP.12.2008
P4SMA SERIES
Fig.1 PEAK PULSE POWER RATING CURVE
Fig.2 DERATING CURVE
Fig.3 PULSE WAVEFORM
Fig.5 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.4 TYPICAL JUNCTION CAPACITANCE
td,PULSE WIDTH, micro sec
T,TIME,ms
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
Mounted on 5.0mm
Copper Land Areas
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Ha lf Va lue -Ip p
2
e-kt
td
T= 25 C
Pulse Width (td) is Defined
as the Point where the Peak
Current Decayst to 50% of Ipp
A
O
tf = 10usec
Peak Value
Ippm
1.0
2.0
5.0
10
20
50 100
200
Me a sure d a t
Ze ro Bia s
Tj= 25 C
O
f= 1.0MHZ
Vsig = 50mVp -p
10,000
1,000
100
10
V(
), REVERSE STAND-OFF VOLTAGE, VOLTS
RWM
Me a sure d a t
Sta nd -Off
Vo lta ge (V
)
RWM
50
40
30
20
10
2
4
10
20
40
100
0
1
T= Tm a x
8.3m s Sing le Ha lf SinepWave
JEDEC M e tho d
JJ


Similar Part No. - P4SMA82A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA82A GOOD-ARK-P4SMA82A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P4SMA82A YFWDIODE-P4SMA82A Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Silicon Standard Corp.
P4SMA82A SSC-P4SMA82A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Cystech Electonics Corp...
P4SMA82A CYSTEKEC-P4SMA82A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
P4SMA82A TSC-P4SMA82A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA82A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ_09 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P6SMB PANJIT-P6SMB_09 Datasheet
146Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMH5.0A PANJIT-SMH5.0A Datasheet
68Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMHN3.3A PANJIT-SMHN3.3A Datasheet
66Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ6.6K48A PANJIT-PJ6.6K48A Datasheet
207Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMA6.8A PANJIT-P6SMA6.8A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P4SMAJ PANJIT-P4SMAJ_08 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ66K48A PANJIT-PJ66K48A Datasheet
210Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com