Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1966M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1966M
Description  Fan Motor 2-Phase Half-Wave Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1966M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1966M Datasheet HTML 1Page - Sanyo Semicon Device LB1966M Datasheet HTML 2Page - Sanyo Semicon Device LB1966M Datasheet HTML 3Page - Sanyo Semicon Device LB1966M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1966M
No. 6215-2/4
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC1
3.6 to 17
V
Common mode input voltage range
VCOM
0.2 to VCC–2.3
V
Electrical Characteristics at Ta = 25
°C, VCC = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC
In drive mode (CT = L)
4
6
mA
In lockup protection mode (CT = H)
4
6
mA
CT capacitor charge current
ICT1VCT = 0.2V
0.8
1.2
2.0
µA
Capacitor discharge current
ICT2VCT = 8V
0.16
0.24
0.4
µA
Capacitor discharge current ratio
RCT
RCT = ICT1/ICT2
4.0
6.0
8.0
CT charge voltage
VCT1
6.0
7.0
8.0
V
CT discharge voltage
VCT2
1.2
1.6
2.0
V
Output limiter withstand voltage
VOLM
Io = 10 mA
24.0
25.5
27.0
V
Output saturation voltage
VOsat
Io = 500 mA
1.0
1.3
V
Hall input sensitivity
VHN
Including offset and hysteresis
10
18
mV
RD output saturation voltage
VRDsat
IRD = 5 mA
0.2
0.5
V
RD output leak current
IRDL
VRD = 14V
0.1
10
µA
Thermal protection trigger temperature
TTSD
Assured design target *
150
180
200
°C
* Assured design target: Target value, not measured individually
Truth Table
IN–
IN+
CT
OUT1
OUT2
RD
Mode
H
L
L
L
H
L
Rotating
LH
HL
L
H
off
off
H
Lock-up protection activated
Pin Assignment
10 VCC
RD
1
9CT
IN+
2
8NC
NC
3
7
OUT2
IN
4
6
GND
OUT1
5
Top view
LB1966M


Similar Part No. - LB1966M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1960M SANYO-LB1960M Datasheet
69Kb / 4P
   For Fan Motor 2-phase Half-Wave Driver
LB1960MC SANYO-LB1960MC Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
   2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
More results

Similar Description - LB1966M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Rohm
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
   2-Phase Half-Wave Motor Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M_08 Datasheet
69Kb / 4P
   For Fan Motor 2-phase Half-Wave Driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com