Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT655 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT655
Description  SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT655 Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT655 Datasheet HTML 1Page - Diodes Incorporated FZT655 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT223 NPN SILICON PLANAR
HIGH PERFORMANCE TRANSISTOR
ISSUE 3– FEBRUARY 1995
7
FEATURES
* Low saturation voltage
COMPLEMENTARY TYPE – FZT755
PARTMARKING DETAIL – FZT655
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
150
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
150
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current ICBO
0.1
µ
A
VCB=125V
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=3V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
0.5
V
V
IC=500mA, IB=50mA*
IC=1A, IB=200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
IC=500mA, IB=50mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.0
V
IC=500mA, VCE=5V*
Static Forward Current
Transfer Ratio
hFE
50
50
20
300
IC=10mA, VCE=5V*
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
Transition Frequency
fT
30
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
20
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse Width=300µs. Duty cycle ≤2%
FZT655
FZT655
C
C
E
B
3 - 212
3 - 211
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
Single Pulse Test at Tamb=25°C
0.01
0.1
10
1
I+ -
Collector Current (Amps)
VBE(sat) v IC
IC/IB=10
I+ -
Collector Current (Amps)
hFE v IC
0.01
10
0.1
1
VCE=5V
0
0.01
10
0.1
1
0.6
0.8
1.0
1.2
IC/IB=10
0.4
40
60
80
100
I+ -
Collector Current (Amps)
VBE(on) v IC
Switching Speeds
I+ -
Collector Current (Amps)
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
0.6
0.7
0
ts
µs
2.0
1.0
3.0
td
tr
tf
µs
0.3
0.2
0.1
0.4
0.5
0.18
0.10
20
0
0.01
10
0.1
1
0.6
0.8
1.0
1.2
0.4
VCE=5V
VCE=10V
11000
100ms
10ms
10
DC
0.01
VCE - Collector Emitter Voltage (V)
Safe Operating Area
1ms
300µs
10
100
0.1
1


Similar Part No. - FZT655

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT655 ZETEX-FZT655 Datasheet
90Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FZT655TA DIODES-FZT655TA Datasheet
216Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR IN SOT223
logo
Guangdong Kexin Industr...
FZT655 KEXIN-FZT655_15 Datasheet
853Kb / 3P
   NPN Transistors
logo
Diodes Incorporated
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT655

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT653TA DIODES-FZT653TA Datasheet
108Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT653 DIODES-FZT653 Datasheet
108Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Diodes Incorporated
FZT869TA DIODES-FZT869TA Datasheet
39Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857_03 Datasheet
39Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Diodes Incorporated
FZT651 DIODES-FZT651_12 Datasheet
259Kb / 7P
   60V NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT458 DIODES-FZT458 Datasheet
53Kb / 1P
   SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT658 DIODES-FZT658 Datasheet
89Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com