Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5243A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part No. MMSZ5243A
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5243A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MMSZ5243A Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
October 01,2010-REV.00
MMSZ5229A SERIES
PAGE . 3
0.6
0.5
0.4
0.3
0.2
0.1
0
125
100
75
50
25
0
T=25 C
A
O
150
Fig.5 STEADY STATE POWER DERATING
T ,TEMPERATURE ( C)
A
O
100
10
1
10
100
Fig.2 TEMPERATURE COEFFICIENTS
NOMINAL ZENER VOLTAGE ,VOLTS
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
50
40
30
20
10
0
+150 C
O
+25 C
O
-55 C
O
Fig.3 TYPICAL LEAKAGE CURRENT
NORMAL ZENER VOLTAGE, VOLTS
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
o
5C
o
25 C
o
150 C
o
Fig.4 TYPICAL FORWARD VOLTAGE
FORWARD VOLTAGE, VOLTS
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
Fig.1 TEMPERATURE COEFFICIENTS
NOMINAL ZENER VOLTAGE ,VOLTS
100
1000
100
10
1
10
1
BIASAT
50% OF VZ NOM
0VBIAS
1VBIAS
T=25 C
A
o
Fig.6 TYPICAL CAPACITANCE
NORMAL ZENER VOLTAGE, VOLTS


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn