Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5243A Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. MMSZ5243A
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5243A Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMSZ5243A Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 01,2010-REV.00
MMSZ5229A SERIES
PAGE . 1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.3 to 51 Volts
POWER
500 mWatts
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-123, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Apporx. Weight: 0.0003 ounce, 0.0103 gram
• Mounting Position: Any
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)
Parameter
Symbol
Value
Units
Maximum Power Dissipation@TA=25OC (Notes A)
PD
500
mW
Operating Junction and StorageTemperature Range
TJ
-50 to +150
OC
1
2
Cathode
Anode


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn