Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5243A Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part No. MMSZ5243A
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5243A Datasheet(HTML) 5 Page - Pan Jit International Inc.

  MMSZ5243A Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5243A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 5
October 01,2010-REV.00
MOUNTING PAD LAYOUT
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are
subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for
any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any
license under its patent rights or rights of others.
SOD-123
Unit: inch(mm)
MMSZ5229A SERIES


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn