Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT560 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT560
Description  SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT560 Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT560 Datasheet HTML 1Page - Diodes Incorporated FZT560 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT223 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 1– NOVEMBER 1998
FEATURES
*
500 Volt V
CEO
*
150mA continuous current
*P
tot = 2 Watt
PARTMARKING DETAIL –
FZT560
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-500
V
Collector-Emitter Voltage
VCEO
-500
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-500
mA
Continuous Collector Current
IC
-150
mA
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-500
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
VCEO(SUS)
-500
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-100
nA
VCB=-500V
Collector Cut-Off Current
ICES
-100
nA
VCE=-500V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-5V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.20
-0.5
V
V
IC=-20mA, IB=-2mA
IC=-50mA, IB=-10mA*
Base-Emitter Saturation
Voltage
VBE(sat)
-0.9
V
IC=-50mA, IB=-10mA*
Base-Emitter Turn On Voltage
VBE(on)
-0.9
V
IC=-50mA, VCE=-10V*
Static Forward Current
Transfer Ratio
hFE
100
80
15 typ
300
300
IC=-1mA, VCE=-10V
IC=-50mA, VCE=-10V*
IC=-100mA, VCE=-10V*
Transition Frequency
fT
60
MHz
IC=-10mA, VCE=-20V
f=50MHz
Output Capacitance
Cobo
8pF
VCB=-20, f=1MHz
Switching times
ton
toff
110 typ.
1.5 typ
ns
µs
VCE=-100, IC=-50mA,
IB1=-5mA,IB2=10mA,
* Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
C
C
E
B
FZT560


Similar Part No. - FZT560

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT560 ZETEX-FZT560 Datasheet
41Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT560QTA DIODES-FZT560QTA Datasheet
512Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT560QTC DIODES-FZT560QTC Datasheet
512Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT560TA DIODES-FZT560TA Datasheet
512Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT560TC DIODES-FZT560TC Datasheet
512Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
More results

Similar Description - FZT560

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT757 DIODES-FZT757 Datasheet
102Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT758 DIODES-FZT758 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT758TA DIODES-FZT758TA Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
BFN37 ZETEX-BFN37 Datasheet
46Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
List of Unclassifed Man...
BSP15 ETC-BSP15 Datasheet
42Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT593 DIODES-FZT593 Datasheet
51Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT558 DIODES-FZT558 Datasheet
121Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com