Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD914TS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD914TS
Description  SURFACE MOUNTSWITCHINGDIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD914TS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD914TS Datasheet HTML 1Page - Pan Jit International Inc. MMBD914TS Datasheet HTML 2Page - Pan Jit International Inc. MMBD914TS Datasheet HTML 3Page - Pan Jit International Inc. MMBD914TS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0.1-FEB.11.2009
DATA SHEET
MMBD914TS
SURFACE MOUNT SWITCHINGDIODE
VOLTAGE
100 Volts
2
00 mWatts
FEATURES
• Very fast reverse recovery (Trr < 2.0 ns typical)
Low capacitance (2pF @ 0V typical)
• Surface mount package ideally suited for automatic insertion
In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case: SOD-523, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0014 gram
Marking: T
1
POWER
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
m
u
m
i
x
a
M
V R
0
0
1V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RRM
0
0
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
u
o
u
n
i
t
n
o
C
I F
2
.
0A
us
0
.
1
=
t
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
IF S M
0
.
4
A
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
P TOT
00
2W
m
)
1
e
t
o
N
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θJA
635
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
o
t
5
5
-
OC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
o
t
5
5
-
OC
Note 1. FR-
4 Boand = 70 x 60 x 1mm.


Similar Part No. - MMBD914TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD914TS PANJIT-MMBD914TS_16 Datasheet
220Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD914TS_R1_00001 PANJIT-MMBD914TS_R1_00001 Datasheet
220Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD914TS_R2_00001 PANJIT-MMBD914TS_R2_00001 Datasheet
220Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBD914TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD914 PANJIT-MMBD914_09 Datasheet
288Kb / 4P
   SURFACE MOUNTSWITCHINGDIODE
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com