Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB54 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MB54
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MB54 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MB54 Datasheet HTML 1Page - Pan Jit International Inc. MB54 Datasheet HTML 2Page - Pan Jit International Inc. MB54 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-APR.09.2009
MB54~MB520
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2 -MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60H
Z
Fig.3-TYPICAL REVERSE CHARACTERISTIC
110
10
0
20
40
60
80
100
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
0.1
1.0
10
0.4
0.6
0.8
1.0
T=25 C
A
O
40V-45V
50V-60V
80V-100V
FORWARD VOLTAGE, VOLTS
150-200V
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
5.0
4.0
2.0
0
.375" 9.5mmLEADLENGHTS
RESISTIVEORINDUCTIVELOAD
1.0
3.0
0
20
40
60
80
100
120
140
160
180
= 40V
= 45-200V
LEAD TEMPERATURE, C
O


Similar Part No. - MB54

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MB54 ZSELEC-MB54 Datasheet
96Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
List of Unclassifed Man...
MB5404D-Sis-X ETC2-MB5404D-Sis-X Datasheet
1Mb / 4P
   8/16-port Modbus Gateway
MB5404D-X ETC2-MB5404D-X Datasheet
1Mb / 4P
   8/16-port Modbus Gateway
MB5408A ETC2-MB5408A Datasheet
1Mb / 4P
   8/16-port Modbus Gateway
MB5408A-DC ETC2-MB5408A-DC Datasheet
1Mb / 4P
   8/16-port Modbus Gateway
More results

Similar Description - MB54

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com