Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD1040CT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part No. BD1040CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

BD1040CT Datasheet(HTML) 2 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-APR.30.2009
BD1040CT~BD10200CT
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
T=25 C
A
O
40-45V
80-100V
150-200V
50-60V
FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
110
100
0
20
40
60
80
100
120
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120 140
10
1.0
0.1
.01
.001
0
20406080 100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
CASE TEMPERATURE, C
O
20.0
16.0
8.0
0
4.0
12.0
0
20
40
60
80
100
120
140
160 180
=40V
= 45-200V
RATING AND CHARACTERISTIC CURVES
Fig.2- MAXIMUM NON - REPETITIVE
FORWARD SURGE CURRENT
RESISTIVE OR
INDUCTIVE LOAD


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn