Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD1040CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. BD1040CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

BD1040CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-APR.30.2009
BD1040CT~BD10200CT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For through hole applications
• Low profile package
• Built-in strain relief
• Low power loss, High efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
.098(2.5)
.032(0.8)
.264(6.7)
.09 .09
.216(5.5)
.024(0.6)
.071(1.8)
.02(0.5)
.082(2.1)
.012(0.3)
.248(6.3)
(2.3) (2.3)
.200(5.1)
.016(0.4)
.051(1.3)
TO-251AB
Unit:inch(mm)
VOLTAGE
40 to 200 Volts
CURRENT
10.0 Amperes
MECHANICALDATA
• Case: TO-251AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: As marking
• Weight: 0.0104 ounces, 0.297 grams.
NOTES:
Both Bonding and Chip structure are available.
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
T
C
0
4
0
1
D
BT
C
5
4
0
1
D
BT
C
0
5
0
1
D
BT
C
0
6
0
1
D
BT
C
0
8
0
1
D
BT
C
0
9
0
1
D
BT
C
0
0
1
0
1
D
BT
C
0
5
1
0
1
D
BT
C
0
0
2
0
1
D
B
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
)
1
e
r
u
g
i
F
e
e
S
(
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
I
)
V
A
(
F
0
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
0
1A
g
e
l
r
e
p
A
0
.
5
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
0
7
.
05
7
.
00
8
.
00
9
.
0V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
J
0
0
1
=
O C
I
R
5
0
.
0
0
2
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
Rθ
C
J
0
.
3
O
/
C
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
5
7
1
+
o
t
5
6
-
O C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn