Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS5240Y-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DSS5240Y-7
Description  40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS5240Y-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DSS5240Y-7 Datasheet HTML 1Page - Diodes Incorporated DSS5240Y-7 Datasheet HTML 2Page - Diodes Incorporated DSS5240Y-7 Datasheet HTML 3Page - Diodes Incorporated DSS5240Y-7 Datasheet HTML 4Page - Diodes Incorporated DSS5240Y-7 Datasheet HTML 5Page - Diodes Incorporated DSS5240Y-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DSS5240Y
Document number: DS31683 Rev. 2 - 2
5 of 6
www.diodes.com
October 2010
© Diodes Incorporated
DSS5240Y
Package Outline Dimensions
Suggested Pad Layout
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Typ
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C1
1.9
C2
0.65
A
M
J
L
D
B C
H
K
F
X
Z
Y
C1
C2
C2
G


Similar Part No. - DSS5240Y-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5240Y DIODES-DSS5240Y_15 Datasheet
151Kb / 6P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS5240Y-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5540X DIODES-DSS5540X_15 Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS3540M DIODES-DSS3540M Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5540X DIODES-DSS5540X Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5240Y DIODES-DSS5240Y_15 Datasheet
151Kb / 6P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS3540M DIODES-DSS3540M_15 Datasheet
414Kb / 7P
   40V PNP LOW VCE(sat) TRANSISTOR
DSS2540M DIODES-DSS2540M Datasheet
132Kb / 5P
   40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
DSS4240Y DIODES-DSS4240Y_15 Datasheet
133Kb / 5P
   40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4240Y-7 DIODES-DSS4240Y-7 Datasheet
133Kb / 5P
   40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4240Y DIODES-DSS4240Y Datasheet
133Kb / 5P
   40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
March 2011
DSS4240T DIODES-DSS4240T_15 Datasheet
103Kb / 5P
   40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com