Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BS Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC847BS
Description  NPN GENERAL PURPOSE DUAL TRANSIS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BS Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC847BS_09 Datasheet HTML 1Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 2Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 3Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 4Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
REV.0.1-MAR.9.2009
BC847BS
ELECTRICAL CHARACTERISTICS CURVE
I , COLLECTOR CURRENT(mAdc)
C
0.2
0.2
0.4
0.6
0.8
1.5
0.3
1.0
2.0
10
20
50
100
200
Figure 1. Normalized DC Current Gain
0.5
5.0
1.0
2.0
V
=10V
T=25 C
CE
A
O
I , COLLECTOR CURRENT(mAdc)
C
0.5
0.2 0.3
0.7
0.1
0
0.2
0.4
0.6
0.8
1.0
Figure 2. "Saturation" and " On " Voltages
1.0
2.0 3.0
7.0
5.0
10
20
50
100
70
30
T=25 C
A
O
V
(sat) @ I /I =10
BE
C B
V
(sat) @ I /I =10
CE
C B
V
(on) @ V
=10V
BE
CE
I=
10mA
C
I=
0mA
C
2
0.02
0
0.4
0.8
1.2
1.6
2.0
0.1
1.0
10
20
50mA
Figure 3. Collector Saturation Region
I , BASE CURRENT (mA)
B
100mA
200mA
T=25 C
A
O
-55 C to 125 C
OO
0.2
I , COLLECTOR CURRENT (mA)
C
Figure 4. Base-Emitter Temperature Coefficient
2.8
2.4
2.0
1.6
1.0
1.2
1.0
10
100
Cob
Cio
T=25 C
A
O
0.4
V , REVERSE VOLTAGE (VOLTS)
R
Figure 5. Capacitance
0.6 0.8 1.0
2.0
1.0
2.0
30
50
7.0
10
4.0
10
20
40
6.0 8.0
V
=10V
T=25 C
CE
A
O
1.0
0.7
0.5
2.0
3.0
I , COLLECTOR CURRENT (mAdc)
C
Figure 6. Current-Gain-Bandwidth Product
5.0 7.0
50
30
40
60
80
10
20
30
20
100
200
300
400


Similar Part No. - BC847BS_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS-7 DIODES-BC847BS-7 Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
112Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC847BS_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
IMZ2A PANJIT-IMZ2A Datasheet
598Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE AMPLIFIER TRANSIS
BC847BS-AU PANJIT-BC847BS-AU Datasheet
239Kb / 7P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R_17 Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
logo
SeCoS Halbleitertechnol...
UMX1N SECOS-UMX1N Datasheet
485Kb / 3P
   Dual NPN General Purpose Transistors
logo
Unisonic Technologies
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
UMX1N SECOS-UMX1N_15 Datasheet
479Kb / 3P
   Dual NPN General Purpose Transistors
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R Datasheet
158Kb / 4P
   Dual General Purpose NPN Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com