Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1847 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1847
Description  PWM Current Control Type Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1847 Datasheet HTML 1Page - Sanyo Semicon Device LB1847 Datasheet HTML 2Page - Sanyo Semicon Device LB1847 Datasheet HTML 3Page - Sanyo Semicon Device LB1847 Datasheet HTML 4Page - Sanyo Semicon Device LB1847 Datasheet HTML 5Page - Sanyo Semicon Device LB1847 Datasheet HTML 6Page - Sanyo Semicon Device LB1847 Datasheet HTML 7Page - Sanyo Semicon Device LB1847 Datasheet HTML 8Page - Sanyo Semicon Device LB1847 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LB1847
No. 5982-3/16
Electrical Characteristics at Ta = 25
°C, V
BB = 45V, VCC = 5V, VREF = 1.52V
min
typ
max
[Output Block]
Output stage supply voltage
2.3
3.5
5.0
mA
0.5
0.8
1.1
mA
Output saturation voltage
1.2
1.6
V
1.5
1.9
V
1.9
2.2
V
2.2
2.4
V
Output leak current
50
µA
–50
µA
Output sustain voltage
45
V
[Logic Block]
Logic supply voltage
19.5
26
36.5
mA
ENABLE=3.2V
10.5
15
19.5
mA
Input voltage
3.2
V
0.8
V
Input current
100
µA
–10
µA
Sensing voltage
0.470
0.525
V
0.445
0.48
0.505
V
0.425
0.46
0.485
V
0.410
0.43
0.465
V
0.385
0.41
0.435
V
0.365
0.39
0.415
V
0.345
0.37
0.385
V
0.325
0.35
0.365
V
0.280
0.3
0.325
V
0.240
0.26
0.285
V
0.195
0.22
0.235
V
0.155
0.17
0.190
V
0.115
0.13
0.145
V
0.075
0.09
V
Reference current
–0.5
µA
CR pin current
CR=1.0V
–4.6
–1.0
mA
MD pin current
MD=1.0V, CR=4.0V
–5.0
µA
DECAY pin current Low
–10
µA
DECAY pin current High
5
µA
Thermal shutdown temperature
TSD
170
°C
Logic ON voltage
3.35
3.65
3.95
V
Logic OFF voltage
3.20
3.50
3.80
V
0.065
0.15
0.23
V
Ratings
Parameter
Symbol
Conditions
Unit
0.50
0.190
0.30
0.100
LVSD hysteresis width
IBB ON
IBB OFF
VO(sat)1
VO(sat)2
VO(sat)3
VO(sat)4
IO(leak)1
IO(leak)2
VSUS
IO=+1.0A, sink
IO=+1.5A, sink
IO=–1.0A, source
IO=–1.5A, source
VO=VBB, sink
VO=0V, source
L=15 mH, IO=1.5A, Guaranteed design value
ICC ON
ICC OFF
VIH
VIL
IIH
IIL
VIH=3.2V
VIL=0.8V
I4=3.2V, I3=3.2V, I2=3.2V, I1=3.2V
I4=3.2V, I3=3.2V, I2=3.2V, I1=3.2V
I4=3.2V, I3=3.2V, I2=3.2V, I1=0.8V
I4=3.2V, I3=3.2V, I2=0.8V, I1=3.2V
I4=3.2V, I3=3.2V, I2=0.8V, I1=0.8V
I4=3.2V, I3=0.8V, I2=3.2V, I1=3.2V
I4=3.2V, I3=0.8V, I2=3.2V, I1=0.8V
I4=3.2V, I3=0.8V, I2=0.8V, I1=3.2V
I4=3.2V, I3=0.8V, I2=0.8V, I1=0.8V
I4=0.8V, I3=3.2V, I2=3.2V, I1=3.2V
I4=0.8V, I3=3.2V, I2=3.2V, I1=0.8V
I4=0.8V, I3=3.2V, I2=0.8V, I1=3.2V
I4=0.8V, I3=3.2V, I2=0.8V, I1=0.8V
I4=0.8V, I3=0.8V, I2=3.2V, I1=3.2V
I4=0.8V, I3=0.8V, I2=3.2V, I1=0.8V
VE
IREF
ICR
IDECL
IMD
LVSD1
IDECH
∆L
VSD
LVSD2
VREF=1.5V
VDEC=0.8V
VDEC=3.2V


Similar Part No. - LB1847

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847_12 Datasheet
144Kb / 15P
   Monolithic Digital IC PWM Current Control Type Stepping Motor Driver
More results

Similar Description - LB1847

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com