Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61301 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 6Page - Texas Instruments TPS61301 Datasheet HTML 7Page - Texas Instruments TPS61301 Datasheet HTML 8Page - Texas Instruments TPS61301 Datasheet HTML 9Page - Texas Instruments TPS61301 Datasheet HTML 10Page - Texas Instruments TPS61301 Datasheet HTML 11Page - Texas Instruments TPS61301 Datasheet HTML 12Page - Texas Instruments TPS61301 Datasheet HTML 13Page - Texas Instruments TPS61301 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
TPS61300, TPS61301, TPS61305
SLVS957A – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
PIN FUNCTIONS (TPS61300)
PIN
I/O
DESCRIPTION
NAME
NO.
AVIN
E4
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
VOUT
A2
O
This is the output voltage pin of the converter.
LED1
E2
I
LED return input. This feedback pin regulates the LED current through the internal sense resistor by
regulating the voltage across it. The regulation operates with typically 400mV (HC_SEL = L) or 400mV
LED2
E1
I
(HC_SEL = H) dropout voltage. Connect to the cathode of the LEDs.
LED3
E3
I
FLASH_SYNC
B4
I
Flashlight strobe pulse synchronization input.
FLASH_SYNC = LOW: The device is operating and regulating the LED current to the DC light current level
(DCLC).
FLASH_SYNC = HIGH: The device is operating and regulating the LED current to the flashlight current level
(FC).
HC_SEL
B3
I
Extended high-current mode selection input. This pin must not be left floating and must be terminated.
HC_SEL = LOW: LED direct drive mode. The power stage is active and the maximum LED currents are
defined as 400mA/800mA/400mA (ILED1/ILED2/ILED3).
HC_SEL = HIGH: Energy storage mode. In flash mode, the power stage is either active with reduced
current capability or disabled. The maximum LED current is defined as 925mA/1850mA/925mA
(ILED1/ILED2/ILED3).
SCL
B2
I
Serial interface clock line. This pin must not be left floating and must be terminated.
SDA
B1
I/O
Serial interface address/data line. This pin must not be left floating and must be terminated.
GPIO/PG
D4
I/O
This pin can either be configured as a general purpose input/output pin (GPIO) or either as an open-drain or
a push-pull output to signal when the converters output voltage is within the regulation limits (PG). Per
default, the pin is configured as an open-drain power-good output.
ENVM
C4
I
Enable pin for voltage mode converter. Pulling this pin high forces the device into voltage regulation mode
(VOUT is preset to a fixed value, 4.95V).
INDLED
A1
O
This pin provides a constant current source to drive low VF LEDs. Connect to LED anode.
ENDCL
D3
I
Hardware control pin for DC light operation. Pulling this pin high forces the device into DC light operation.
The ENDCL input is only active when the device is programmed into shutdown or voltage mode regulation.
LED1-3 inputs are controlled according to ENLED[3:1] bit settings.
Tx-MASK
C3
I
RF PA synchronization control input. Pulling this pin high turns the LED from flashlight to DC light operation,
thereby reducing almost instantaneously the peak current loading from the battery.
SW
C1
I/O
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of the inductor. SW
C2
is high impedance during shutdown.
BAL
A3
O
Balancing output for dual cells super-capacitor. In steady-state operation, this output compensates for
leakage current mismatch between the cells.
PGND
D1
Power ground. Connect to AGND underneath IC.
D2
AGND
A4
Analog ground.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61300, TPS61301, TPS61305


Similar Part No. - TPS61301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61301 TI-TPS61301 Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61301YFFR TI-TPS61301YFFR Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61301YFFR TI1-TPS61301YFFR Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61301YFFT TI-TPS61301YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61301YFFT TI1-TPS61301YFFT Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
More results

Similar Description - TPS61301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
   High power white LED driver with I2CTM interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com