Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61300 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61300
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61300 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61300 Datasheet HTML 1Page - Texas Instruments TPS61300 Datasheet HTML 2Page - Texas Instruments TPS61300 Datasheet HTML 3Page - Texas Instruments TPS61300 Datasheet HTML 4Page - Texas Instruments TPS61300 Datasheet HTML 5Page - Texas Instruments TPS61300 Datasheet HTML 6Page - Texas Instruments TPS61300 Datasheet HTML 7Page - Texas Instruments TPS61300 Datasheet HTML 8Page - Texas Instruments TPS61300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
TPS61300, TPS61301, TPS61305
SLVS957A – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating junction temp. –40°C ≤ TJ ≤ 125°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED CURRENT REGULATOR
0.4V
≤ VLED1/3 ≤ 2.0V
–10
+10
%
00
≤ DCLC13[1:0] ≤ 11, TJ = +85°C
LED1/3 current accuracy(1)
0.4V
≤ VLED1/3 ≤ 2.0V
–7.5
+7.5
%
00
≤ FC13[1:0] ≤ 11, TJ = +85°C
HC_SEL = 0
0.4V
≤ VLED2 ≤ 2.0V
–10
+10
%
000
≤ DCLC2[2:0] ≤ 111, TJ = +85°C
LED2 current accuracy(1)
0.4V
≤ VLED2 ≤ 2.0V
–7.5
+7.5
%
000
≤ FC2[2:0] ≤ 111, TJ = +85°C
0.4V
≤ VLED1/3 ≤ 2.0V
–10
+10
%
00
≤ DCLC13[1:0] ≤ 11, TJ = +85°C
LED1/3 current accuracy(1)
0.4V
≤ VLED1/3 ≤ 2.0V
–10
+10
%
00
≤ FC13[1:0] ≤ 11, TJ = +85°C
HC_SEL = 1
0.4V
≤ VLED2 ≤ 2.0V
–10
+10
%
000
≤ DCLC2[2:0] ≤ 111, TJ = +85°C
LED2 current accuracy(1)
0.4V
≤ VLED1/3 ≤ 2.0V
–10
+10
%
000
≤ FC2[2:0] ≤ 111, TJ = +85°C
LED1/3 current matching(1)
–10
+10
%
LED1/2/3 current temperature coefficient
0.05
%/°C
1.5V
≤ (VIN-VINDLED) ≤ 2.5V
INDLED current accuracy
2.6mA
≤ IINDLED ≤ 7.9mA
–20
+20
%
TJ = +25°C
INDLED current temperature coefficient
0.04
%/°C
LED1/2/3 sense voltage
ILED1-3 = full-scale current, HC_SEL = 0
400
mV
VDO
LED1/2/3 sense voltage
ILED1-3 = full-scale current, HC_SEL = 1
400
450
mV
VOUT dropout voltage
IOUT = -7.5mA, device not switching
220
mV
LED1/2/3 input leakage current
VLED1/2/3 = VOUT = 5V, –40°C ≤ TJ ≤ +85°C
0.1
4
mA
INDLED input leakage current
VINDLED = 0V, –40°C ≤ TJ ≤ +85°C
0.1
1
mA
(1)
Verified by characterization. Not tested in production.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61300, TPS61301, TPS61305


Similar Part No. - TPS61300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61300 TI-TPS61300 Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61300YFFR TI1-TPS61300YFFR Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61300YFFT TI1-TPS61300YFFT Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
More results

Similar Description - TPS61300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
   High power white LED driver with I2CTM interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com