Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1825 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1825
Description  Three-Phase Brushless Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1825 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1825 Datasheet HTML 1Page - Sanyo Semicon Device LB1825 Datasheet HTML 2Page - Sanyo Semicon Device LB1825 Datasheet HTML 3Page - Sanyo Semicon Device LB1825 Datasheet HTML 4Page - Sanyo Semicon Device LB1825 Datasheet HTML 5Page - Sanyo Semicon Device LB1825 Datasheet HTML 6Page - Sanyo Semicon Device LB1825 Datasheet HTML 7Page - Sanyo Semicon Device LB1825 Datasheet HTML 8Page - Sanyo Semicon Device LB1825 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Overview
The LB1825 is a three-phase brushless motor driver IC
optimal for LBP polygon mirror and magneto-optical disk
spindle motor drive.
Functions and Features
• Three-phase full-wave current control drive
• PLL speed control
• Internal 24-mode clock divisor switching
• Phase lock detector output
• FG/Hall FG selection
• Current limiter circuit
• 7 V stabilized power supply output pin
• Reverse torque braking
• Crystal oscillator circuit
• Internal/external reference frequency selection
• Built-in FG amplifier and FG pulse output
• Forward/reverse rotation switching
• Low power supply voltage protection circuit
• Thermal protection circuit
Package Dimensions
unit: mm
3147A-DIP28H
Monolithic Digital IC
Ordering number : EN4845B
83097HA (OT)/N3095HA (OT)/91494TH (OT) No. 4845-1/9
SANYO: DIP28H
[LB1825]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Three-Phase Brushless Motor Driver
LB1825
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
30
V
Maximum output current
IO max
t < 0.1 s
2.0
A
Allowable power dissipation
Pd max1
Independent IC
3
W
Pd max2
With an arbitrarily large heat sink
20
W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - LB1825

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1821 SANYO-LB1821 Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
More results

Similar Description - LB1825

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com