Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51461 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51461
Description  3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51461 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51461 Datasheet HTML 6Page - Texas Instruments TPS51461 Datasheet HTML 7Page - Texas Instruments TPS51461 Datasheet HTML 8Page - Texas Instruments TPS51461 Datasheet HTML 9Page - Texas Instruments TPS51461 Datasheet HTML 10Page - Texas Instruments TPS51461 Datasheet HTML 11Page - Texas Instruments TPS51461 Datasheet HTML 12Page - Texas Instruments TPS51461 Datasheet HTML 13Page - Texas Instruments TPS51461 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TPS51461
SLUSAD9 – DECEMBER 2010
www.ti.com
Application Circuit List of Materials
Recommended parts for key external components for the circuits in Figure 1 and Figure 2 are listed in Table 2.
Table 2. Key External Component Recommendations
(Figure 1 and Figure 2)
FUNCTION
MANUFACTURER
PART NUMBER
Output Inductor
Nec-Tokin
MPCG0740LR42C
Panasonic
ECJ2FB0J226M
Ceramic Output Capacitors
Murata
GRM21BR60J226ME39L
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS51461


Similar Part No. - TPS51461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51461 TI-TPS51461 Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGET TI-TPS51461RGET Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results

Similar Description - TPS51461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com