Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ3V6BSF-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ3V6BSF-7
Description  0.5W SURFACE MOUNT PRECISION ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ3V6BSF-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ3V6BSF-7 Datasheet HTML 1Page - Diodes Incorporated DDZ3V6BSF-7 Datasheet HTML 2Page - Diodes Incorporated DDZ3V6BSF-7 Datasheet HTML 3Page - Diodes Incorporated DDZ3V6BSF-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDZ3V6BSF – DDZ36BSF
Document number: DS31987 Rev. 11 - 2
1 of 4
www.diodes.com
December 2010
© Diodes Incorporated
DDZ3V6BSF – DDZ36BSF
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Features
500mW Power Dissipation on FR-4 PCB
Very Tight Tolerance on VZ
Ideally Suited for Automated Assembly Processes
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOD-323F
Case Material: Molded Plastic, “Green Molding Compound”.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Band
Terminals: Finish - Matte Tin annealed over Copper Alloy
leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.01 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DDZ3V6BSF-7
SOD-323F
3000/Tape & Reel
DDZ5V1BSF-7
SOD-323F
3000/Tape & Reel
DDZ5V6BSF-7
SOD-323F
3000/Tape & Reel
DDZ6V2BSF-7
SOD-323F
3000/Tape & Reel
DDZ10BSF-7
SOD-323F
3000/Tape & Reel
DDZ11BSF-7
SOD-323F
3000/Tape & Reel
DDZ12BSF-7
SOD-323F
3000/Tape & Reel
DDZ15BSF-7
SOD-323F
3000/Tape & Reel
DDZ18BSF-7
SOD-323F
3000/Tape & Reel
DDZ20BSF-7
SOD-323F
3000/Tape & Reel
DDZ24BSF-7
SOD-323F
3000/Tape & Reel
DDZ27DSF-7
SOD-323F
3000/Tape & Reel
DDZ30BSF-7
SOD-323F
3000/Tape & Reel
DDZ36BSF-7
SOD-323F
3000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
Code
X
Y
Z
A
B
C
D
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
xx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
XX


Similar Part No. - DDZ3V6BSF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ3V6BSF DIODES-DDZ3V6BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ3V6BSF DIODES-DDZ3V6BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ3V6BSF DIODES-DDZ3V6BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ3V6BSF DIODES-DDZ3V6BSF Datasheet
223Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - DDZ3V6BSF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ10ASF-7 DIODES-DDZ10ASF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ9692TQ DIODES-DDZ9692TQ Datasheet
400Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF_15 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ12CSF-7 DIODES-DDZ12CSF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF_15 Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ33DSF-7 DIODES-DDZ33DSF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ36DSF-7 DIODES-DDZ36DSF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com