Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4739A-G Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1N4739A-G
Description  SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4739A-G Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1N4739A-G Datasheet HTML 1Page - Pan Jit International Inc. 1N4739A-G Datasheet HTML 2Page - Pan Jit International Inc. 1N4739A-G Datasheet HTML 3Page - Pan Jit International Inc. 1N4739A-G Datasheet HTML 4Page - Pan Jit International Inc. 1N4739A-G Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
REV.0.3-MAR.12.2010
1N4728A-G~1N4764A-G
NOTE:
1. Tolerance and Type Number Designation. The type umbers listed have a standard tolerance on the nominal zener
voltage of
5%
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3. Zener Voltage (Vz) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining
the lead temperature (T ) at 30 C
1 C, from the diode body.
4. Zener Impedance (Zz) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when
an ac current having an rms value equal to 10% of the dc zener current (Izt or Izk) is superimposed on Izt or Izk.
5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak,
non-repetitive, reverse surge current of 1/2
+
+
L
oo
1.0
0.75
0.5
0.25
0
0
20
40
60
80
1
1
111
2
0
2
468
0
0
0
000
0
T , LEAD TEMPERATURE ( C)
L
O
RATING AND CHARACTERISTICS CURVES
L=LEAD LENGTH
TO HEAT SINK
FIGURE.1 POWER TEMPERATURE DERATING CURVE
FIGURE.2 TEMPERATURE COEFICIENTS
(-55 C TO +150 C TEMPERATURE RANGE; 90% OF THE UNITS ARE IN THE RANGES INDICATED.)
OO
a.RANGE FOR UNITS TO 12 VOLTS
b.RANGE FOR UNITS 12 TO 100 VOLTS


Similar Part No. - 1N4739A-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4739A-G PANJIT-1N4739A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
Comchip Technology
1N4739A-G COMCHIP-1N4739A-G Datasheet
125Kb / 6P
   Glass passivated chip.
More results

Similar Description - 1N4739A-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N4954 EIC-1N4954 Datasheet
131Kb / 2P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com