Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG1024UV Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG1024UV
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1024UV Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG1024UV Datasheet HTML 1Page - Diodes Incorporated DMG1024UV Datasheet HTML 2Page - Diodes Incorporated DMG1024UV Datasheet HTML 3Page - Diodes Incorporated DMG1024UV Datasheet HTML 4Page - Diodes Incorporated DMG1024UV Datasheet HTML 5Page - Diodes Incorporated DMG1024UV Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG1024UV
Document number: DS31974 Rev. 5 - 2
2 of 6
www.diodes.com
April 2010
© Diodes Incorporated
DMG1024UV
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
100
nA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±1.0
μA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.5
-
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
0.3
0.45
Ω
VGS = 4.5V, ID = 600mA
0.4
0.6
VGS = 2.5V, ID = 500mA
0.5
0.75
VGS = 1.8V, ID = 350mA
-
9
VGS = 1.7V, ID = 140mA
-
10
VGS = 1.5V, ID = 100mA
Forward Transfer Admittance
|Yfs|
-
1.4
-
S
VDS = 10V, ID = 400mA
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 150mA
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
-
60.67
-
pF
VDS = 16V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
9.68
-
pF
Reverse Transfer Capacitance
Crss
-
5.37
-
pF
Total Gate Charge
Qg
-
736.6
-
pC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
-
93.6
-
pC
Gate-Drain Charge
Qgd
-
116.6
-
pC
Turn-On Delay Time
tD(on)
-
5.1
-
ns
VDD = 10V, VGS = 4.5V,
RL = 47Ω, RG = 10Ω,
ID = 200mA
Turn-On Rise Time
tr
-
7.4
-
ns
Turn-Off Delay Time
tD(off)
-
26.7
-
ns
Turn-Off Fall Time
tf
-
12.3
-
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to production testing.
0
0.3
0.6
0.9
1.2
1.5
01
2
3
4
5
Fig. 1 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 1.2V
GS
V
= 1.5V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 8.0V
GS
0
0.3
0.6
0.9
1.2
1.5
0
0.5
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
V
= 5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A


Similar Part No. - DMG1024UV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1024UV DIODES-DMG1024UV_15 Datasheet
165Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG1024UV

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com