Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3256 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3256
Description  Ultra Low Power Stereo Audio Codec With Embedded miniDSP
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3256 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3256 Datasheet HTML 1Page - Texas Instruments TLV320AIC3256 Datasheet HTML 2Page - Texas Instruments TLV320AIC3256 Datasheet HTML 3Page - Texas Instruments TLV320AIC3256 Datasheet HTML 4Page - Texas Instruments TLV320AIC3256 Datasheet HTML 5Page - Texas Instruments TLV320AIC3256 Datasheet HTML 6Page - Texas Instruments TLV320AIC3256 Datasheet HTML 7Page - Texas Instruments TLV320AIC3256 Datasheet HTML 8Page - Texas Instruments TLV320AIC3256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TLV320AIC3256
www.ti.com
SLOS630A – DECEMBER 2010 – REVISED DECEMBER 2010
Table 2. TERMINAL FUNCTIONS (continued)
5x5mm
WCSP
40-PIN QFN
(YZF)
NAME
TYPE
DESCRIPTION
(RSB) PIN
BALL NO.
NO.
(Preview)
Serial data output
MFP4
Secondary (SPI_Select = 0)
General purpose output
CLKOUT output
INT1 output
INT2 output
Audio serial data bus (primary) ADC word clock output
Digital microphone clock output
Audio serial data bus (secondary) data output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
16
C6
SPI_SELECT
I
Control mode select pin ( 1 = SPI, 0 = I2C )
17
D6
IN1_L
I
Multifunction analog input,
Single-ended configuration: MIC 1 or Line 1 left
Differential configuration: MIC or Line right, negative
18
E6
IN1_R
I
Multifunction analog input,
Single-ended configuration: MIC 1 or Line 1 right
Differential configuration: MIC or Line right, positive
19
F6
IN2_L
I
Multifunction analog input,
Single-ended configuration: MIC 2 or Line 2 right
Differential configuration: MIC or Line left, positive
20
G6
IN2_R
I
Multifunction analog input,
Single-ended configuration: MIC 2 or Line 2 right
Differential configuration: MIC or Line left, negative
21
E4, E5
AVss
GND
Analog Ground
22
G5
REF
O
Reference voltage output for filtering
23
G4
MICBIAS
O
Microphone bias voltage output
24
F5
IN3_L
I
Multifunction analog input,
Single-ended configuration: MIC3 or Line 3 left,
Differential configuration: MIC or Line left, positive,
Differential configuration: MIC or Line right, negative
25
F4
IN3_R
I
Multifunction analog input,
Single-ended configuration: MIC3 or Line 3 right,
Differential configuration: MIC or Line left, negative,
Differential configuration: MIC or Line right, positive
26
G3
LOL
O
Left line output
27
F3
LOR
O
Right line output
28
E3
GND_SENSE
I
External ground reference for headphone interface –0.5V to 0.5V
29, 30
G2, G1
AVdd
PWR
Analog voltage supply 1.5V–1.95V(2)
31
F1
HPL
O
Left headphone output
32
F2
DRVdd_HP
PWR
Power supply for headphone output stage
Ground-centered circuit configuration, 1.5V to 1.95V
Unipolar circuit configuration, 1.5V to 3.6V
33
E1
HPR
O
Right headphone output
34
E2
MICDET
I
Microphone detection
35
D1
VNEG
PWR
Negative supply for headphones. –1.8V to 0V
Input when charge pump is disabled,
Filtering output when charge pump is enabled
36
D2
FLY_N
PWR
Negative terminal for charge-pump flying capacitor
37
D3
DVss_CP
GND
Charge pump ground
(2)
The AVdd pins are not connected within the device: Must be connected on the PC board.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV320AIC3256


Similar Part No. - TLV320AIC3256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI1-TLV320AIC3256 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3256 TI1-TLV320AIC3256 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3256 TI1-TLV320AIC3256 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results

Similar Description - TLV320AIC3256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com