Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59282 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59282 Datasheet(HTML) 4 Page - Texas Instruments

  TLC59282 Datasheet HTML 1Page - Texas Instruments TLC59282 Datasheet HTML 2Page - Texas Instruments TLC59282 Datasheet HTML 3Page - Texas Instruments TLC59282 Datasheet HTML 4Page - Texas Instruments TLC59282 Datasheet HTML 5Page - Texas Instruments TLC59282 Datasheet HTML 6Page - Texas Instruments TLC59282 Datasheet HTML 7Page - Texas Instruments TLC59282 Datasheet HTML 8Page - Texas Instruments TLC59282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
D
(%)=
-
1
I
OUTn
(I
+I
+...+I
+I
)
OUT0
OUT1
OUT15
OUT14
16
´
100
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+I
+...I
+I
)
OUT0
OUT1
OUT14
OUT15
16
´
100
I
=41.9
´
OUT(IDEAL)
1.205
R
IREF
(I
atV
=3V)
OUTn
CC
(I
atV
=5.5V)
(I
atV
=3V)
OUTn
CC
OUTn
CC
-
D
(%/V)=
´
100
5.5V
3V
-
´
(I
atV
=1V)
OUTn
OUTn
(I
atV
=3V)
(I
atV
=1V)
-
OUTn
OUTn
OUTn
OUTn
D
(%/V)=
100
3V
1V
-
.
TLC59282
SBVS152A – DECEMBER 2010 – REVISED DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
At VCC = 3 V to 5.5 V and TA = –40°C to +85°C. Typical values at VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC59282
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA at SOUT
VCC – 0.4
VCC
V
VOL
Low-level output voltage
IOL = 1 mA at SOUT
0.4
V
IIN
Input current
VIN = VCC or GND at SIN, SCLK, LAT, and BLANK
–1
1
mA
SIN/SCLK/LAT = low, BLANK = high, VOUTn = 1 V,
ICC0
0.1
1
mA
RIREF = open
SIN/SCLK/LAT = low, BLANK = high, VOUTn = 1 V,
ICC1
4.5
6
mA
RIREF = 3 kΩ (IOUT = 16.8 mA target)
Supply current (VCC)
All OUTn = ON, SIN/SCLK/LAT/BLANK = low,
ICC2
7
15
mA
VOUTn = 1 V, RIREF = 3 kΩ
All OUTn = ON, SIN/SCLK/LAT/BLANK = low,
ICC3
16
34
mA
VOUTn = 1 V, RIREF = 1.5 kΩ (IOUT = 33.6mA target)
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
IOLC
Constant output current
32.1
33.7
35.3
mA
at OUT0 to OUT15 (see Figure 6), TA = +25°C
OUTn = OFF, VOUTn = VOUTfix = 17 V, BLANK = high,
IOLKG
Output leakage current
0.1
mA
RIREF = 1.5 kΩ at OUT0 to OUT15 (see Figure 6)
Constant-current error
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
ΔIOLC0
±0.6
±2
%
(channel-to-channel)(1)
at OUT0 to OUT15
Constant-current error
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
ΔIOLC1
±1
±3
%
(device-to-device)(2)
at OUT0 to OUT15, TA = +25°C
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
ΔIOLC2
Line regulation(3)
±0.5
±1
%/V
at OUT0 to OUT15, VCC = 3 V to 5.5 V
All OUTn = ON, VOUTn = 1 V to 3V, VOUTfix = 1 V,
ΔIOLC3
Load regulation(4)
±1
±3
%/V
RIREF = 1.5 kΩ
VIREF
Reference voltage output
RIREF = 1.5 kΩ, TA = +25°C
1.18
1.205
1.23
V
RPUP
Pull-up resistor
BLANK
250
500
750
k
Ω
RPDWN
Pull-down resistor
LAT
250
500
750
k
Ω
(1)
The deviation of each output from the average of OUT0–OUT15 constant-current. Deviation is calculated by the formula:
(2)
The deviation of the OUT0–OUT15 constant-current average from the ideal constant-current value.
Deviation is calculated by the following formula:
Ideal current is calculated by the formula:
(3)
Line regulation is calculated by this equation:
(4)
Load regulation is calculated by the equation:
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC59282


Similar Part No. - TLC59282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI-TLC59282 Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQ TI-TLC59282DBQ Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQ TI1-TLC59282DBQ Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI1-TLC59282DBQR Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
More results

Similar Description - TLC59282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI1-TLC59282_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59284 TI-TLC59284 Datasheet
975Kb / 23P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Switching Delay
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com