Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1821M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1821M
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1821M Datasheet HTML 1Page - Sanyo Semicon Device LB1821M Datasheet HTML 2Page - Sanyo Semicon Device LB1821M Datasheet HTML 3Page - Sanyo Semicon Device LB1821M Datasheet HTML 4Page - Sanyo Semicon Device LB1821M Datasheet HTML 5Page - Sanyo Semicon Device LB1821M Datasheet HTML 6Page - Sanyo Semicon Device LB1821M Datasheet HTML 7Page - Sanyo Semicon Device LB1821M Datasheet HTML 8Page - Sanyo Semicon Device LB1821M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Overview
The LB1821M is a pre-driver IC that supports direct
PWM drive and is appropriate for the power brushless
motors used in office automation equipment. A motor
drive circuit with the desired output capability (voltage
and current characteristics) can be constructed by
attaching a driver array at the IC output. The LB1821M
includes on chip a speed control circuit that allows the
motor speed to be varied using an external clock.
Features
• Direct PWM drive output
• Speed discriminator + PLL speed control circuit
• FG and integrating amplifiers
• Forward/reverse switching circuit
• Braking circuit (short braking)
• Speed lock detection output
• Full complement of on-chip protection circuits,
including lock protection, current limiter, and
thermal shutdown protection circuits.
Package Dimensions
unit: mm
3148-QFP44MA
Monolithic Digital IC
Ordering number : EN5686
63097HA(OT) No. 5686-1/16
SANYO: QIP44MA
[LB1821M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Power Brushless Motor Pre-Driver IC
for OA Equipment
LB1821M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
9V
Maximum input current
IREG max
VREG pin
10
mA
Output current
IO max
UL, UV, and WL outputs
30
mA
Allowable power dissipation
Pd max
0.9
W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
4.4 to 7.0
V
Input current range
IREG
VREG pin (7 V)
1 to 5
mA
FG Schmitt output applied voltage
VFGS
0 to 8
V
FG Schmitt output current
IFGS
0 to 5
mA
Lock detection output current
ILD
0 to 20
mA
Allowable Operating Ranges at Ta = 25°C


Similar Part No. - LB1821M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1824 SANYO-LB1824 Datasheet
134Kb / 9P
   Power Brushless Motor Driver for OA Equipment
More results

Similar Description - LB1821M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1824 SANYO-LB1824 Datasheet
134Kb / 9P
   Power Brushless Motor Driver for OA Equipment
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Sanyo Semicon Device
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com