Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2020LSN-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2020LSN-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2020LSN-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2020LSN-7 Datasheet HTML 1Page - Diodes Incorporated DMN2020LSN-7 Datasheet HTML 2Page - Diodes Incorporated DMN2020LSN-7 Datasheet HTML 3Page - Diodes Incorporated DMN2020LSN-7 Datasheet HTML 4Page - Diodes Incorporated DMN2020LSN-7 Datasheet HTML 5Page - Diodes Incorporated DMN2020LSN-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN2020LSN
Document number: DS31946 Rev. 2 - 2
1 of 6
www.diodes.com
September 2009
© Diodes Incorporated
DMN2020LSN
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected Up To 2KV
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SC-59
Case Material - Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
Continuous
VGSS
±12
V
Continuous Drain Current
Steady
State
TA = 25°C
TA = 85°C
ID
6.9
4.5
A
Pulsed Drain Current (Note 4)
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Power Dissipation (Note 3)
PD
0.61
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 3)
RθJA
204
°C /W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, with minimum recommended pad layout.
4. Repetitive rating, pulse width limited by junction temperature.
SC-59
TOP VIEW
Pin Out Configuration
TOP VIEW
EQUIVALENT CIRCUIT
Source
Gate
Protection
Diode
Gate
Drain
D
G
S
ESD PROTECTED TO 2kV
Please click here to visit our online spice models database.


Similar Part No. - DMN2020LSN-7

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMN2020LSN ZPSEMI-DMN2020LSN Datasheet
160Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN2020LSN DIODES-DMN2020LSN_15 Datasheet
134Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2020LSN-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com