Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCA9406 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. TCA9406
Description  2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA9406 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA9406 Datasheet HTML 7Page - Texas Instruments TCA9406 Datasheet HTML 8Page - Texas Instruments TCA9406 Datasheet HTML 9Page - Texas Instruments TCA9406 Datasheet HTML 10Page - Texas Instruments TCA9406 Datasheet HTML 11Page - Texas Instruments TCA9406 Datasheet HTML 12Page - Texas Instruments TCA9406 Datasheet HTML 13Page - Texas Instruments TCA9406 Datasheet HTML 14Page - Texas Instruments TCA9406 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TCA9406
www.ti.com
SCPS221 – JULY 2010
Integrated Pullup Resistors on the I/Os (A-Ports/B-Ports)
Each A-port I/O has an internal 10-k
Ω pullup resistor to VCCA, and each B-port I/O has an internal 10-kΩ pullup
resistor to VCCB. If a smaller value of pullup resistor is required, an external resistor must be added from the I/O
to VCCA or VCCB (in parallel with the internal 10-kΩ resistors). Adding lower value pull-up resistors may effect VOL
levels, however. The internal pullups of the PCA9406 are disabled when the OE pin is low.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TCA9406


Similar Part No. - TCA9406

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TCA9406DCTR TI-TCA9406DCTR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406YZPR TI-TCA9406YZPR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
More results

Similar Description - TCA9406

ManufacturerPart No.DatasheetDescription
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
Texas Instruments
Texas Instruments
TCA9406DCTR TI-TCA9406DCTR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
Union Semiconductor, Inc.
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
ON Semiconductor
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
NXP Semiconductors
NXP Semiconductors
PCA9306 NXP-PCA9306_10 Datasheet
232Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
PCA9306 NXP-PCA9306 Datasheet
138Kb / 23P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 04-26 October 2009
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz