Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCA9406 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. TCA9406
Description  2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TCA9406 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9406 Datasheet HTML 2Page - Texas Instruments TCA9406 Datasheet HTML 3Page - Texas Instruments TCA9406 Datasheet HTML 4Page - Texas Instruments TCA9406 Datasheet HTML 5Page - Texas Instruments TCA9406 Datasheet HTML 6Page - Texas Instruments TCA9406 Datasheet HTML 7Page - Texas Instruments TCA9406 Datasheet HTML 8Page - Texas Instruments TCA9406 Datasheet HTML 9Page - Texas Instruments TCA9406 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TCA9406
SCPS221 – JULY 2010
www.ti.com
TIMING REQUIREMENTS
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 2.5 V
VCC = 3.3 V
VCC = 5 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Push-pull driving
21
22
24
Data rate
Mbps
Open-drain driving
2
2
2
Push-pull driving
47
45
41
Pulse
tw
Data inputs
ns
duration
Open-drain driving
500
500
500
TIMING REQUIREMENTS
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V
VCC = 3.3 V
VCC = 5 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Push-pull driving
20
22
24
Data rate
Mbps
Open-drain driving
2
2
2
Push-pull driving
50
45
41
Pulse
tw
Data inputs
ns
duration
Open-drain driving
500
500
500
TIMING REQUIREMENTS
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCC = 3.3 V
VCC = 5 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
Push-pull driving
23
24
Data rate
Mbps
Open-drain driving
2
2
Push-pull driving
43
41
tw
Pulse duration
Data inputs
ns
Open-drain driving
500
500
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TCA9406


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn