Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG1016UDW-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMG1016UDW-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1016UDW-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMG1016UDW-7 Datasheet HTML 1Page - Diodes Incorporated DMG1016UDW-7 Datasheet HTML 2Page - Diodes Incorporated DMG1016UDW-7 Datasheet HTML 3Page - Diodes Incorporated DMG1016UDW-7 Datasheet HTML 4Page - Diodes Incorporated DMG1016UDW-7 Datasheet HTML 5Page - Diodes Incorporated DMG1016UDW-7 Datasheet HTML 6Page - Diodes Incorporated DMG1016UDW-7 Datasheet HTML 7Page - Diodes Incorporated DMG1016UDW-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMG1016UDW
Document number: DS31860 Rev. 3 - 2
1 of 8
www.diodes.com
October 2009
© Diodes Incorporated
DMG1016UDW
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Complementary Pair MOSFET
Ultra-Small Surface Mount Package
Lead Free/RoHS Compliant (Note 2)
ESD Protected Up to 2.5kV
"Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Marking Information: See Page 7
Ordering Information: See Page 7
Weight: 0.006 grams (approximate)
Maximum Ratings N-CHANNEL – Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±6
V
Drain Current (Note 1)
Steady
State
TA = 25°C
TA = 85°C
ID
1066
690
mA
Maximum Ratings P-CHANNEL – Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±6
V
Drain Current (Note 1)
Steady
State
TA = 25°C
TA = 85°C
ID
845
548
mA
Thermal Characteristics – Total Device @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
330
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
379
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
Device mounted on FR-4 PCB with minimum recommended pad layout.
2.
No purposefully added lead.
3.
Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
TOP VIEW
Internal Schematic
TOP VIEW
S
2
D
2
Q
1
Q
2
D
1
S
1
G
2
G
1
ESD PROTECTED
Please click here to visit our online spice models database.


Similar Part No. - DMG1016UDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW-7 DIODES-DMG1016UDW-7 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG1016UDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com