Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV632 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV632
Description  DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV632 Datasheet(HTML) 3 Page - Texas Instruments

  DRV632 Datasheet HTML 1Page - Texas Instruments DRV632 Datasheet HTML 2Page - Texas Instruments DRV632 Datasheet HTML 3Page - Texas Instruments DRV632 Datasheet HTML 4Page - Texas Instruments DRV632 Datasheet HTML 5Page - Texas Instruments DRV632 Datasheet HTML 6Page - Texas Instruments DRV632 Datasheet HTML 7Page - Texas Instruments DRV632 Datasheet HTML 8Page - Texas Instruments DRV632 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DRV632
www.ti.com
SLOS681 – JANUARY 2011
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Supply voltage
DC supply voltage
3
3.3
3.6
V
RL
Load impedance
0.6
10
k
Ω
VIL
Low-level input voltage
Mute
40
% of VDD
VIH
High-level input voltage
Mute
60
% of VDD
TA
Operating free-air temperature
–40
25
85
°C
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 3.3 V
0.5
1
mV
PSRR
Power-supply rejection ratio
80
dB
VOH
High-level output voltage
VDD = 3.3 V
3.1
V
VOL
Low-level output voltage
VDD = 3.3 V
–3.05
V
VUVP_
External UVP detect voltage
1.25
V
EX
VUVP_
External UVP detect hysteresis current
5
µA
EX_HYS
TERESI
S
fCP
Charge pump switching frequency
200
300
400
kHz
|IIH|
High-level input current, Mute
VDD = 3.3 V, VIH = VDD
1
µA
|IIL|
Low-level input current, Mute
VDD = 3.3 V, VIL = 0 V
1
µA
VDD = 3.3 V, no load, Mute = VDD
5
14
25
IDD
Supply current
mA
VDD = 3.3 V, no load, Mute = GND, disabled
14
OPERATING CHARACTERISTICS
VDD = 3.3 V, RDL = 10 kΩ, RFB = 30 kΩ, RIN = 15 kΩ, TA = 25°C, Charge pump: CP = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VO
Output voltage, outputs in phase
THD+N = 1%, VDD = 3.3 V, f = 1 kHz, RL = 10 kΩ
2
2.4
Vrms
THD+N
Total harmonic distortion plus noise
VO = 2 VRMS, f = 1 kHz
0.002%
SNR
Signal-to-noise ratio(1)
A-weighted
90
105
dB
DNR
Dynamic range
A-weighted
90
105
dB
VN
Noise voltage
A-weighted
11
mV
ZO
Output Impedance when muted
Mute = GND
110
m
Ω
Input-to-output attenuation when
Mute = GND
80
dB
muted
Crosstalk—L to R, R to L
VO = 1 Vrms
–110
dB
ILIMIT
Current limit
25
mA
(1)
SNR is calculated relative to 2-Vrms output.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DRV632


Similar Part No. - DRV632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI1-DRV632 Datasheet
855Kb / 23P
[Old version datasheet]   Audio Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PW TI-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
855Kb / 23P
[Old version datasheet]   Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
More results

Similar Description - DRV632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
[Old version datasheet]   DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Texas Instruments
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com