Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD96370Q5M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD96370Q5M
Description  Synchronous Buck NexFET??Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD96370Q5M Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD96370Q5M Datasheet HTML 5Page - Texas Instruments CSD96370Q5M Datasheet HTML 6Page - Texas Instruments CSD96370Q5M Datasheet HTML 7Page - Texas Instruments CSD96370Q5M Datasheet HTML 8Page - Texas Instruments CSD96370Q5M Datasheet HTML 9Page - Texas Instruments CSD96370Q5M Datasheet HTML 10Page - Texas Instruments CSD96370Q5M Datasheet HTML 11Page - Texas Instruments CSD96370Q5M Datasheet HTML 12Page - Texas Instruments CSD96370Q5M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
0.6
-11.4
0.7
-8.5
0.8
-5.7
0.9
-2.8
1
0
1.1
2.8
1.2
5.7
1.3
8.5
1.4
11.4
1.5
14.2
1.6
17.1
G006
Switching Frequency (kHz)
200
400
600
800
1000 1200 1400 1600 1800 2000
0.6
-11.4
0.7
-8.5
0.8
-5.7
0.9
-2.8
1
0
1.1
2.8
1.2
5.7
1.3
8.5
1.4
11.4
1.5
14.2
1.6
17.1
G007
Input Voltage (V)
3
4
5
6
7
8
9
10
11
12
13
14
-5.2
-2.6
0.8
0
0.9
2.6
1
5.2
1.1
7.8
1.2
10.4
1.3
13
1.4
15.6
1.5
18.2
1.6
1.7
1.8
20.8
G008
Output Voltage (V)
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
0.6
-11.4
0.7
-8.5
0.8
-5.7
0.9
-2.9
1
0
1.1
2.8
1.2
5.6
1.3
8.5
1.4
11.3
1.5
14.1
1.6
17
Output Inductance (µH)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
G009
Switching Frequency (kHz)
200
400
600
800
1000 1200 1400 1600 1800 2000
10
15
20
25
30
35
40
45
50
55
60
65
70
G030
Junction Temperature ( °C)
-50
-25
0
25
50
75
100
125
150
10
11
12
13
14
15
16
17
18
19
20
G031
CSD96370Q5M
www.ti.com
SLPS265A – NOVEMBER 2010 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS
Test conditions: VIN = 12V, VDD = 5V, fSW= 500kHz, VOUT = 1.2V, LOUT = 0.3mH, DCR = 0.54mΩ, TJ = 125°C
spacer
Figure 12. Normalized Power Loss vs Frequency
Figure 13. Normalized Power Loss vs Input Voltage
Figure 14. Normalized Power Loss vs Output Voltage
Figure 15. Normalized Power Loss vs Output Inductance
Figure 16. Driver Current vs Frequency
Figure 17. Driver Current vs Temperature
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - CSD96370Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
1,004Kb / 19P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96370Q5M TI-CSD96370Q5M Datasheet
1,004Kb / 19P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96370Q5M_1110 TI-CSD96370Q5M_1110 Datasheet
1,004Kb / 19P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Similar Description - CSD96370Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com