Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMEGAA Datasheet(PDF) 7 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
Download  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button XMEGAA_09 Datasheet HTML 3Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 4Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 5Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 6Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 7Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 8Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 9Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 10Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 445 page
background image
7
8077H–AVR–12/09
XMEGA A
The SRAM holds data, and code cannot be executed from here. It can easily be accessed
through the five different addressing modes supported in the AVR architecture. The first SRAM
address is 0x2000.
Data address 0x1000 to 0x1FFF is reserved for memory mapping of EEPROM.
The Program Memory is divided in two sections, the Application Program section and the Boot
Program section. Both sections have dedicated Lock bits for write and read/write protection. The
SPM instruction that is used for self-programming of the Application Flash memory must reside
in the Boot Program section. A third section exists inside the Application section. This section,
the Application Table section, has separate Lock bits for write and read/write protection. The
Application Table section can be used for storing non-volatile data or application software.
3.4
ALU - Arithmetic Logic Unit
The Arithmetic Logic Unit (ALU) supports arithmetic and logic operations between registers or
between a constant and a register. Single register operations can also be executed. The ALU
operates in direct connection with all the 32 general purpose registers. In a typical single cycle
ALU operation, two operands are output from the Register File, the operation is executed, and
the result is stored back in the Register File.
In order to operate on data in the Data Memory, these must first be loaded into the Register File.
After the operation, the data can be stored from the Register File and back to the Data Memory.
The ALU operations are divided into three main categories - arithmetic, logical, and bit-functions.
After an arithmetic or logic operation, the Status Register is updated to reflect information about
the result of the operation.
3.4.1
Hardware Multiplier
The multiplier is capable of multiplying two 8-bit numbers into a 16-bit result. The hardware mul-
tiplier supports different variations of signed and unsigned integer and fractional numbers:
• Multiplication of unsigned integers.
• Multiplication of signed integers.
• Multiplication of a signed integer with an unsigned integer.
• Multiplication of unsigned fractional numbers.
• Multiplication of signed fractional numbers.
• Multiplication of a signed fractional number and with an unsigned.
A multiplication takes two CPU clock cycles.
3.5
Program Flow
After reset, the program will start to execute from program address 0. Program flow is provided
by conditional and unconditional jump and call instructions, able to directly address the whole
address space. Most instructions have a single 16-bit word format. Every program memory
address contains a 16- or 32-bit instruction. The Program Counter (PC) addresses the location
from where instructions are fetched. During interrupts and subroutine calls, the return address
PC is stored on the Stack.


Similar Part No. - XMEGAA_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
XMEGAA1 ATMEL-XMEGAA1 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
XMEGAA1U ATMEL-XMEGAA1U Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
XMEGAA3 ATMEL-XMEGAA3 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
XMEGAA3B ATMEL-XMEGAA3B Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
XMEGAA3BU ATMEL-XMEGAA3BU Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
More results

Similar Description - XMEGAA_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
XMEGAD ATMEL-XMEGAD Datasheet
5Mb / 309P
   Interrupts and Programmable Multi-level Interrupt Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Altera Corporation
A8259 ALTERA-A8259 Datasheet
220Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP82C59A TOSHIBA-TMP82C59A Datasheet
668Kb / 26P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
OKI electronic componet...
MSM82C59A-2RS OKI-MSM82C59A-2RS Datasheet
186Kb / 28P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intel Corporation
8259A INTEL-8259A Datasheet
325Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP8259AP TOSHIBA-TMP8259AP Datasheet
142Kb / 9P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
   Programmable Interrupt Controller (PIC)
March 1997
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com