Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY88 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATTINY88
Description  High Endurance Non-volatile Memory Segments
Download  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY88 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATTINY88 Datasheet HTML 1Page - ATMEL Corporation ATTINY88 Datasheet HTML 2Page - ATMEL Corporation ATTINY88 Datasheet HTML 3Page - ATMEL Corporation ATTINY88 Datasheet HTML 4Page - ATMEL Corporation ATTINY88 Datasheet HTML 5Page - ATMEL Corporation ATTINY88 Datasheet HTML 6Page - ATMEL Corporation ATTINY88 Datasheet HTML 7Page - ATMEL Corporation ATTINY88 Datasheet HTML 8Page - ATMEL Corporation ATTINY88 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 246 page
background image
4
9157B–AVR–01/10
ATtiny88 Automotive
1.2.7
Port D (PD7:0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
PD7..4 output buffers have symmetrical drive characteristics with both high sink and source
capabilities, while the PD3..0 output buffers have stronger sink capabilities. As inputs, Port D
pins that are externally pulled low will source current if the pull-up resistors are activated. The
Port D pins are tri-stated when a reset condition becomes active, even if the clock is not running.
The various special features of Port D are elaborated in “Alternate Functions of Port D” on page
71.
1.2.8
AV
CC
AV
CC is the supply voltage pin for the A/D converter and a selection of I/O pins. This pin should
be externally connected to V
CC even if the ADC is not used. If the ADC is used, it is recom-
mended this pin is connected to V
CC through a low-pass filter, as described in “Analog Noise
Canceling Techniques” on page 172.
The following pins receive their supply voltage from AV
CC: PC7, PC5:0 and (in 32-lead pack-
ages) PA1:0. All other I/O pins take their supply voltage from V
CC.


Similar Part No. - ATTINY88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny88 ATMEL-ATtiny88 Datasheet
728Kb / 23P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny88 ATMEL-ATtiny88 Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88 ATMEL-ATTINY88 Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATtiny88 ATMEL-ATtiny88 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - ATTINY88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_14 Datasheet
5Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA48 ATMEL-ATMEGA48_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA88V ATMEL-ATMEGA88V_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA649 ATMEL-ATMEGA649_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
ATMEGA168 ATMEL-ATMEGA168_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATTINY13V ATMEL-ATTINY13V_14 Datasheet
3Mb / 176P
   High Endurance Non-volatile Memory segments
ATMEGA165PV ATMEL-ATMEGA165PV_14 Datasheet
7Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA128L ATMEL-ATMEGA128L_14 Datasheet
6Mb / 386P
   High Endurance Non-volatile Memory segments
ATMEGA3250 ATMEL-ATMEGA3250_14 Datasheet
6Mb / 362P
   High Endurance Non-volatile Memory Segments
ATMEGA6490 ATMEL-ATMEGA6490_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com