Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY48PRE Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATTINY48PRE
Description  123 Powerful Instructions ??Most Single Clock Cycle Execution
Download  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY48PRE Datasheet(HTML) 4 Page - ATMEL Corporation

  ATTINY48PRE Datasheet HTML 1Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 2Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 3Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 4Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 5Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 6Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 7Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 8Page - ATMEL Corporation ATTINY48PRE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 298 page
background image
4
8008F–AVR–06/10
ATtiny48/88
externally pulled low will source current if the pull-up resistors are activated. The Port D pins are
tri-stated when a reset condition becomes active, even if the clock is not running.
The various special features of Port D are elaborated in “Alternate Functions of Port D” on page
73.
1.1.8
AVCC
AVCC is the supply voltage pin for the A/D converter and a selection of I/O pins. This pin should
be externally connected to VCC even if the ADC is not used. If the ADC is used, it is recom-
mended this pin is connected to VCC through a low-pass filter, as described in “Analog Noise
Canceling Techniques” on page 169.
The following pins receive their supply voltage from AVCC: PC7, PC[5:0] and (in 32-lead pack-
ages) PA[1:0]. All other I/O pins take their supply voltage from VCC.


Similar Part No. - ATTINY48PRE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY48 ATMEL-ATTINY48 Datasheet
698Kb / 22P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny48 ATMEL-ATtiny48 Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48 Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48 Datasheet
937Kb / 302P
   High Performance, Low Power AVR
ATTINY48-AU ATMEL-ATTINY48-AU Datasheet
698Kb / 22P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY48PRE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
TINY4 ATMEL-TINY4 Datasheet
4Mb / 28P
   Single cycle instructions
logo
Lumileds Lighting Compa...
DS51 LUMILEDS-DS51 Datasheet
1Mb / 41P
   the most robust and powerful LED
logo
ATMEL Corporation
T32UC3L0128 ATMEL-T32UC3L0128_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com