Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3S230H Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3S230H
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S230H Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3S230H Datasheet HTML 1Page - Diodes Incorporated PD3S230H Datasheet HTML 2Page - Diodes Incorporated PD3S230H Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD3S230H
Document number: DS31752 Rev. 1 - 2
2 of 3
www.diodes.com
April 2009
© Diodes Incorporated
PD3S230H
PowerDI is a registered trademark of Diodes Incorporated.
0
0.4
0.2
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
2.5
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0.1
1
10
10,000
1,000
100
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
10
15
20
25
30
5
0
0.01
0.1
1
10
100
1,000
10,000
0.001
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = 0°C
A
T = -55°C
A
200
180
160
140
120
100
80
60
40
20
5
10
15
20
25
30
0
0
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
2.5
2.0
1.5
1.0
0.5
0
025
50
75
100
125
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
150
0
30
150
180
120
90
60
010
20
30
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R


Similar Part No. - PD3S230H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
PD3S230HQ-7 DIODES-PD3S230HQ-7 Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
PD3S230HQ DIODES-PD3S230HQ_15 Datasheet
225Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S230H DIODES-PD3S230H_15 Datasheet
298Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
More results

Similar Description - PD3S230H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240A-13-F DIODES-B240A-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com