Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS4160U-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DSS4160U-7
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS4160U-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DSS4160U-7 Datasheet HTML 1Page - Diodes Incorporated DSS4160U-7 Datasheet HTML 2Page - Diodes Incorporated DSS4160U-7 Datasheet HTML 3Page - Diodes Incorporated DSS4160U-7 Datasheet HTML 4Page - Diodes Incorporated DSS4160U-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DSS4160U
Document number: DS31684 Rev. 2 - 2
4 of 5
www.diodes.com
March 2009
© Diodes Incorporated
DSS4160U
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Fig. 8 Transient Thermal Response (Note 3)
t , PULSE DURATION TIME (s)
1
10,000
1,000
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 310°C/W
θ
θ
JA
JA
P(pk)
t1
t2
0.001
0.01
0.1
1
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5
Ordering Information (Note 5)
Part Number
Case
Packaging
DSS4160U-7
SOT-323
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
SOT-323
Dim
Min
Max
Typ
A
0.25
0.40
0.30
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
-
-
0.65
G
1.20
1.40
1.30
H
1.80
2.20
2.15
J
0.0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.18
0.11
α
-
All Dimensions in mm
ZN9 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: V = 2008)
M = Month (ex: 9 = September)
A
M
J
L
D
B C
H
K
G
ZN9


Similar Part No. - DSS4160U-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS4160U-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160V DIODES-DSS4160V Datasheet
120Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2098R DIODES-2DD2098R_15 Datasheet
182Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2656 DIODES-2DD2656 Datasheet
97Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com