Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMB54D0UV-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMB54D0UV-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB54D0UV-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMB54D0UV-7 Datasheet HTML 1Page - Diodes Incorporated DMB54D0UV-7 Datasheet HTML 2Page - Diodes Incorporated DMB54D0UV-7 Datasheet HTML 3Page - Diodes Incorporated DMB54D0UV-7 Datasheet HTML 4Page - Diodes Incorporated DMB54D0UV-7 Datasheet HTML 5Page - Diodes Incorporated DMB54D0UV-7 Datasheet HTML 6Page - Diodes Incorporated DMB54D0UV-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMB54D0UV
Document number: DS31676 Rev. 4 - 2
5 of 7
www.diodes.com
December 2009
© Diodes Incorporated
DMB54D0UV
PNP Transistor
1
10
100
1,000
110
100
1,000
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 10 Typical DC Current Gain vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
1
0.1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 11 Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
I
C
B
= 10
10
100
1,000
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 12 Typical Gain-Bandwidth Product vs. Collector Current
C
V
= 5V
CE
Ordering Information (Note 5)
Part Number
Case
Packaging
DMB54D0UV-7
SOT-563
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
MB2 = Marking Code
YM = Date Code Marking
Y = Year (ex: V = 2008)
M = Month (ex: 9 = September)
M2
B
YM


Similar Part No. - DMB54D0UV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB54D0UV-7 DIODES-DMB54D0UV-7 Datasheet
128Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
More results

Similar Description - DMB54D0UV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UDW DIODES-DMB54D0UDW Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV_15 Datasheet
128Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
logo
List of Unclassifed Man...
TN2010T ETC-TN2010T Datasheet
46Kb / 4P
   N-Channel Enhancement-Mode MOSFET Transistor
logo
Cystech Electonics Corp...
MBNP2074G6 CYSTEKEC-MBNP2074G6 Datasheet
322Kb / 10P
   N- Channel Enhancement mode MOSFET AND PNP BJT
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Diodes Incorporated
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
   60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com