Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FT-170-318-001 Datasheet(PDF) 1 Page - ebm-papst

Part No. FT-170-318-001
Description  TUBEAXIAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

FT-170-318-001 Datasheet(HTML) 1 Page - ebm-papst

  FT-170-318-001 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FT-170-318-002
FT-170-318-001
318
318
1
1
230
115
60*
60*
54
54
56
56
60
60
3
3
Sintec
Sintec
Cord and plug
Cord and plug
FT170AC Series
Tu beaxial
Fan Tray with AC fans. External
rotor shaped pole motors in fans.
Sintec-sleeve bearings.
Fan tray made from painted cold rolled steel.
Ready for insertion into cabinet or
enclosure.
Slides in standard 19" rack.
19in.
6' cord, 3-prong molded plug.
Included power switch and fuse.
Part
Number
.50
.40
.30
.20
.10
0
50
0
100
150
200
250
124
99
75
50
25
85
170
255
340
425
* 50 Hz data available upon request
e-mail: sales@us.ebmpapst.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm-papst Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm-papst Inc., 2006 © ebm-papst Inc. reserves the right to change any specifications or data without notice
147


Similar Part No. - FT-170-318-001

ManufacturerPart No.DatasheetDescription
ebm-papst
ebm-papst
FT-170-318-001 EBMPAPST-FT-170-318-001 Datasheet
85Kb / 1P
   Tubeaxial
More results

Similar Description - FT-170-318-001

ManufacturerPart No.DatasheetDescription
ebm-papst
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
   TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
   TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
   TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
   TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
   TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
   TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
   Tubeaxial
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
   TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
   TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
   Tubeaxial
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz